Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1823ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1823ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1823ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADP1823
Rev. A | Page 14 of 32
If FREQ is driven low, the recommended SYNC input
frequency is between 600 kHz and 1.2 MHz. If FREQ is driven
high, the recommended SYNC frequency is between 1.2 MHz
and 2 MHz. The FREQ setting should be carefully observed for
these SYNC frequency ranges, as the PWM voltage ramp scales
down from about 1.3 V based on the percentage of frequency
overdrive. Driving SYNC faster than recommended for the
FREQ setting results in a small ramp signal, which could affect
the signal-to-noise ratio and the modulator gain and stability.
When an external clock is detected at the first SYNC edge, the
internal oscillator is reset and clock control shifts to SYNC. The
SYNC edges then trigger subsequent clocking of the PWM
outputs. The DH rising edges appear about 400 ns after the
corresponding SYNC edge, and the frequency is locked to the
external signal. Depending on the startup conditions of
Channel 1 and Channel 2, either Channel 1 or Channel 2 can be
the first channel synchronized to the rising edge of the SYNC
clock. If the external SYNC signal disappears during operation,
the ADP1823 reverts back to its internal oscillator and
experiences a delay of no more than a single cycle of the
internal oscillator.
ERROR AMPLIFIER
The ADP1823 error amplifiers are operational amplifiers. The
ADP1823 senses the output voltages through external resistor
dividers at the FB1 and FB2 pins. The FB pins are the inverting
inputs to the error amplifiers. The error amplifiers compare
these feedback voltages to the internal 0.6 V reference, and the
outputs of the error amplifiers appear at the COMP1 and
COMP2 pins. The COMP pin voltages then directly control the
duty cycle of each respective switching converter.
A series/parallel RC network is tied between the FB pins and
their respective COMP pins to provide the compensation for
the buck converter control loops. A detailed design procedure
for compensating the system is provided in the Compensating
the Voltage Mode Buck Regulator section.
The error amplifier outputs are clamped between a lower limit
of about 0.7 V and a higher limit of about 2.4 V. When the
COMP pins are low, the switching duty cycle goes to 0%, and
when the COMP pins are high, the switching duty cycle goes to
the maximum.
The SS and TRK pins are auxiliary positive inputs to the error
amplifiers. Whichever has the lowest voltage, SS, TRK, or the
internal 0.6 V reference, controls the FB pin voltage and thus
the output. Therefore, if two or more of these inputs are close to
each other, a small offset is imposed on the error amplifier. For
example, if TRK approaches the 0.6 V reference, the FB sees
about 18 mV of negative offset at room temperature. For this
reason, the soft start pins have a built-in negative offset and
they charge to 0.8 V. If the TRK pins are not used, they should
be tied high to VREG.
SOFT START
The ADP1823 employs a programmable soft start that reduces
input current transients and prevents output overshoot. The SS1
and SS2 pins drive auxiliary positive inputs to their respective
error amplifiers, thus the voltage at these pins regulate the
voltage at their respective feedback control pins.
Program soft start by connecting capacitors from SS1 and SS2
to GND. On startup, the capacitor charges from an internal
90 kΩ resistor to 0.8 V. The regulator output voltage rises with
the voltage at its respective soft start pin, allowing the output
voltage to rise slowly, reducing inrush current. See the informa-
tion about Soft Start in the Applications Information section.
When a controller is disabled or experiences a current fault, the
soft start capacitor is discharged through an internal 6 kΩ
resistor, so that at restart or recovery from fault the output
voltage soft starts again.
POWER OK INDICATOR
The ADP1823 features open-drain, Power OK outputs, POK1
and POK2, which sink current when their respective output
voltages drop, typically 8% below the nominal regulation
voltage. The POK pins also go low for overvoltage of typically
25%. Use this output as a logical power-good signal by
connecting pull-up resistors from POK1 and POK2 to VREG.
The POK1 comparator directly monitors FB1, and the threshold
is fixed at 550 mV for undervoltage and 750 mV for over-
voltage. However, the POK2 undervoltage and overvoltage
comparator input is connected to UV2 rather than FB2. For the
default thresholds at FB2, connect UV2 directly to FB2.
In a ratiometric tracking configuration, however, Channel 2 can
be configured to be a fraction of a master voltage, and thus FB2
regulated to a voltage lower than the 0.6 V internal reference. In
this configuration, UV2 can be tied to a different tap on the
feedback divider, allowing a POK2 indication at an appropriate
output voltage threshold. See the Setting the Channel 2
Undervoltage Threshold for Ratiometric Tracking section.
TRACKING
The ADP1823 features tracking inputs, TRK1 and TRK2, which
make the output voltages track another, master voltage. This is
especially useful in core and I/O voltage sequencing
applications where one output of the ADP1823 can be set to
track and not exceed the other, or in other multiple output
systems where specific sequencing is required.
The internal error amplifiers include three positive inputs, the
internal 0.6 V reference voltage and their respective SS and TRK
pins. The error amplifiers regulate the FB pins to the lowest of
the three inputs. To track a supply voltage, tie the TRK pin to a
resistor divider from the voltage to be tracked. See the Voltage
Tracking section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com