Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1823ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1823ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1823ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADP1823
Rev. A | Page 19 of 32
Figure 25 shows a typical Bode plot of the LC filter by itself.
0dB
GAIN
FREQUENCY
LC FILTER BODE PLOT
PHASE
fLC
fESR
fCO
fSW
AFILTER
–40dB/dec
ΦFILTER
–90°
–180°
–20dB/dec
Figure 25. LC Filter Bode Plot
The gain of the LC filter at crossover can be linearly
approximated from Figure 25 as
ESR
LC
FILTER
A
A
A
+
=
×
×
=
ESR
CO
LC
ESR
FILTER
f
f
f
f
A
log
dB
20
log
dB
40
(20)
If fESR ≈ fCO, then add another 3 dB to account for the local
difference between the exact solution and the linear
approximation above.
To compensate the control loop, the gain of the system must be
brought back up so that it is 0 dB at the desired crossover
frequency. Some gain is provided by the PWM modulation
itself, so next calculate
=
RAMP
IN
MOD
V
V
A
log
20
(21)
For systems using the internal oscillator, this becomes
=
V
V
A
IN
MOD
3
.
1
log
20
(22)
Note that if the converter is being synchronized, the ramp
voltage, VRAMP, is lower than 1.3 V by the percentage of
frequency increase over the nominal setting of the FREQ pin:
=
SYNC
FREQ
RAMP
f
f
V
2
V
3
.
1
(23)
The factor of 2 in the numerator takes into account that the
SYNC frequency is divided by 2 to generate the switching
frequency. For example, if the FREQ pin is set high for the
600 kHz range and a 2 MHz SYNC signal is applied, the ramp
voltage is 0.78 V. This increases the gain of the modulator by
4.4 dB in this example.
The rest of the system gain needed to reach 0 dB at crossover is
provided by the error amplifier and is covered in the compensation
design information that follows. The total gain of the system,
therefore, is given by
AT = AMOD + AFILTER + ACOMP
(24)
where:
AMOD is the gain of the PWM modulator
AFILTER is the gain of the LC filter including the effects of
the ESR zero
ACOMP is the gain of the compensated error amplifier.
Additionally, the phase of the system must be brought back up
to guarantee stability. Note from the bode plot of the filter that
the LC contributes −180° of phase shift. Additionally, because
the error amplifier is an integrator at low frequency, it
contributes an initial −90°. Therefore, before adding
compensation or accounting for the ESR zero, the system is
already down −270°. To avoid loop inversion at crossover, or
−180° phase shift, a good initial practical design is to require a
phase margin of 60°, which is therefore an overall phase loss of
−120° from the initial low frequency dc phase. The goal of the
compensation is to boost the phase back up from −270° to
−120° at crossover.
Two common compensation schemes are used, which are
sometimes referred to as Type II or Type III compensation,
depending on whether the compensation design includes two
or three poles. (Dominant pole compensations, or single pole
compensation, is referred to as Type I compensation, but
unfortunately, it is not very useful for dealing successfully with
switching regulators.)
If the zero produced by the ESR of the output capacitor provides
sufficient phase boost at crossover, Type II compensation is
adequate. If the phase boost produced by the ESR of the output
capacitor is not sufficient, another zero is added to the
compensation network, and thus Type III is used. A general rule
to determine the scheme is whether the phase contribution of
the ESR zero is greater than 70° at crossover.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com