Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1823ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1823ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1823ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADP1823
Rev. A | Page 23 of 32
To ensure that the output voltage accuracy is not compromised
by the TRK pin being too close in voltage to the 0.6 V reference,
make sure that the final value of the master voltage is greater
than the slave regulation voltage by at least 10%, or 60 mV as
seen at the FB node, and the higher, the better. A difference of
60 mV between TRK and the 0.6 V reference produces about
3 mV of offset in the error amplifier, or 0.5%, at room
temperature, while 100 mV between them produces only
0.6 mV or 0.1% offset.
RATIOMETRIC TRACKING
Ratiometric tracking limits the output voltage to a fraction of
the master voltage. For example, the termination voltage for
DDR memories, VTT, is set to half the VDD voltage.
TIME
SLAVE VOLTAGE
MASTER VOLTAGE
Figure 31. Ratiometric Tracking
For ratiometric tracking, the simplest configuration is to tie the
TRK pin of the slave channel to the FB pin of the master channel.
This has the advantage of having the fewest components, but
the accuracy suffers as the TRK pin voltage becomes equal to
the internal reference voltage and an offset is imposed on the
error amplifier of about −18 mV at room temperature.
A more accurate solution is to provide a divider from the
master voltage that sets the TRK pin voltage to be something
lower than 0.6 V at regulation, for example, 0.5 V. The slave
channel can be viewed as having a 0.5 V external reference
supplied by the master voltage.
Once this is complete, then the FB divider for the slave voltage
is designed as in the Compensating the Voltage Mode Buck
Regulator section, except to substitute the 0.5 V reference for
the VFB voltage. The ratio of the slave output voltage to the
master voltage is a function of the two dividers:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
=
TRKB
TRKT
BOT
TOP
MASTER
OUT
R
R
R
R
V
V
1
1
(63)
Another option is to add another tap to the divider for the
master voltage. Split the RBOT resistor of the master voltage into
two pieces, with the new tap at 0.5 V when the master voltage is
in regulation. This saves one resistor, but be aware that Type III
compensation on the master voltage causes the feedforward
signal of the master voltage to appear at the TRK input of the
slave channel.
By selecting the resistor values in the divider carefully, Equation 63
shows that the slave voltage output can be made to have a faster
ramp rate than that of the master voltage by setting the TRK
voltage at the slave larger than 0.6 V and RTRKB greater than
RTRKT. Make sure that the master SS period is long enough (that
is, sufficiently large SS capacitor) such that the input inrush
current does not run into the current limit of the power supply
during startup.
Setting the Channel 2 Undervoltage Threshold for
Ratiometric Tracking
If FB2 is regulated to a voltage lower than 0.6 V by configuring
TRK2 for ratiometric tracking, the Channel 2 undervoltage
threshold can be set appropriately by splitting the top resistor in
the voltage divider, as shown in Figure 32. RBOT is the same as
calculated for the compensation in Equation 63, and
B
A
TOP
R
R
R
+
=
(64)
550mV
750mV
POK2
UV2
FB2
CHANNEL 2
OUTPUT
VOLTAGE
RA
RB
RBOT
TO ERROR
AMPLIFIER
Figure 32. Setting the Channel 2 Undervoltage Threshold
The current in all the resistors is the same:
A
UV
OUT
B
FB
UV
BOT
FB
R
V
V
R
V
V
R
V
2
2
2
2
2
−
=
−
=
(65)
where:
VUV2 is 600 mV.
VFB2 is the feedback voltage value set during the ratiometric
tracking calculations.
VOUT2 is the Channel 2 output voltage.
Solving for RA and RB:
(
)
2
2
2
FB
UV
OUTA
BOT
A
V
V
V
R
R
−
=
(66)
(
)
2
2
2
FB
FB
UV
BOT
B
V
V
V
R
R
−
=
(67)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com