Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1823ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1823ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1823ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADP1823
Rev. A | Page 20 of 32
In Figure 26, the location of the ESR zero corner frequency
gives significantly different net phase at the crossover frequency.
GAIN
FREQUENCY
PHASE
LC FILTER BODE PLOT
PHASE CONTRIBUTION AT CROSSOVER
OF VARIOUS ESR ZERO CORNERS
fSW
fCO
fESR3
fESR2
fESR1
0dB
fLC
–40dB/dec
–20dB/dec
–90°
–180°
Φ1
Φ2
Φ3
Figure 26. LC Filter Bode Plot
Using a linear approximation from Figure 26, the phase
contribution of the ESR zero at crossover can be estimated by
ESR
CO
ESR
f
f
×
×
°
=
φ
10
log
45
(25)
If φESR ≥ 70°, then Type II compensation is adequate.
If φESR < 70°, use Type III, as an additional zero is needed.
The total phase of the system at crossover is the sum of the
contributing elements, namely:
φT = φLC + φESR + φCOMP
(26)
where:
φLC = −180°
φESR is as calculated in Equation 25
φCOMP = −90° + φP + φZ
(27)
Note in the compensator phase expression shown in Equation 27,
the −90° term is the phase contributed by the initial integrator
pole. The φP is the additional phase contributed by the high
frequency compensation poles placed above crossover, and φZ is
the phase contributed by the compensation zeros placed below
crossover. For the system to be stable at crossover, phase boost
is required from the compensator.
For stability, the total phase at crossover is designed to be equal
to −120°:
φT = φLC + φESR + φCOMP
(28)
−120° = −180° + φESR + −90° + φP + φZ
(29)
Define phase boost, φB, to be the portion of the phase at cross-
over contributed by the compensator’s higher order poles and
zeros:
φB = φP + φZ
(30)
φB = 150° − φESR
(31)
Venable1 showed that an optimum compensation solution was
to place the zeros and poles symmetrically around the crossover
frequency. He derived a factor known as K with which the
frequencies of the compensation zeros and poles may be calculated.
K is calculated for the type of compensation selected in Figure 27.
Type II Compensator
G
(dB)
PHASE
–180°
–270°
fZ
fP
0V
VRAMP
CHF
CI
RZ
RTOP
RBOT
FROM
VOUT
VREF
EA
COMP
TO PWM
–1
SLO
PE
–1
SLO
PE
Figure 27. Type II Compensation
To calculate K for Type II compensation, use
°
+
φ
=
45
2
tan
B
K
(32)
Values of K between 4 and 15 are practical for implementation;
if the selected type of compensation does not yield a reasonable
value of K, try the other type.
From K, the frequency of the added zeros, fZ, is below crossover by
K
f
f
CO
Z =
for Type II
(33)
Similarly, the frequency of the added poles, fP, should be above
crossover:
K
f
f
CO
P =
for Type II
(34)
1 D. Venable, “The K Factor: A New Mathematical Tool for Stability Analysis and Synthesis,” 1983.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com