Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1823ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1823ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1823ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Dual, Interleaved, Step-Down
DC-to-DC Controller with Tracking
ADP1823
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Fixed-frequency operation: 300 kHz, 600 kHz, or
synchronized operation up to 1 MHz
Supply input range: 2.9 V to 20 V
Interleaved operation results in smaller, low cost input
capacitor
All-N-channel MOSFET design for low cost
±0.85% accuracy at 0
°C to 70°C
Soft start, thermal overload, current-limit protection
10 μA shutdown supply current
Internal linear regulator
Lossless RDSON current-limit sensing
Reverse current protection during soft start for handling
precharged outputs
Independent Power OK outputs
Voltage tracking for sequencing or DDR termination
Available in 5 mm × 5 mm, 32-lead LFCSP
APPLICATIONS
Telecommunications and networking systems
Medical imaging systems
Base station power
Set-top boxes
Printers
DDR termination
TYPICAL APPLICATION CIRCUIT
PV IN
GND
EN1
EN2
BST2
SW2
DH2
CSL2
DL2
PGND2
FB2
COMP2
FREQ
LDOSD
SYNC
TRK1
TRK2
VREG
BST1
DH1
SW1
CSL1
DL1
PGND1
FB1
COMP1
ADP1823
180µF
180µF
3900pF
390pF
IRFR3709Z
IRFR3709Z
IRLR7807Z
IRLR7807Z
1.2V,
6A
1.8V,
8A
390pF
3900pF
IN = 12V
560µF
560µF
2.2µH
2.2µH
1µF
0.47µF
0.47µF
4.53kΩ
4.53kΩ
1kΩ
2kΩ
2kΩ
2kΩ
2kΩ
2kΩ
Figure 1. Typical Application Circuit
GENERAL DESCRIPTION
The ADP1823 is a versatile, dual, interleaved, synchronous
PWM buck controller that generates two independent output
rails from an input of 2.9 V to 20 V. Each controller can be con-
figured to provide output voltages from 0.6 V to 85% of the
input voltage and is sized to handle large MOSFETs for point-
of-load regulators. The two channels operate 180° out of phase,
reducing stress on the input capacitor and allowing smaller, low
cost components. The ADP1823 is ideal for a wide range of
high power applications, such as DSP and processor core I/O
power, and general-purpose power in telecommunications,
medical imaging, PC, gaming, and industrial applications.
The ADP1823 operates at a pin-selectable, fixed switching
frequency of either 300 kHz or 600 kHz, minimizing external
component size and cost. For noise-sensitive applications, it can
also be synchronized to an external clock to achieve switching
frequencies between 300 kHz and 1 MHz. The ADP1823
includes soft start protection to prevent inrush current from the
input supply during startup, reverse current protection during
soft start for precharged outputs, as well as a unique adjustable
lossless current-limit scheme utilizing external MOSFET
sensing.
For applications requiring power supply sequencing, the
ADP1823 also provides tracking inputs that allow the output
voltages to track during startup, shutdown, and faults. This
feature can also be used to implement DDR memory bus
termination.
The ADP1823 is specified over the −40°C to +85°C ambient
temperature range, and is available in a 32-lead LFCSP package.


Similar Part No. - ADP1823ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
More results

Similar Description - ADP1823ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
Step-Down DC-to-DC Controller
12/06-Rev. A to Rev. B
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
PWM, Step-Down DC-to-DC Controller with Margining and Tracking
8/06-Rev. A to Rev. B
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
6/07-Revision 0
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
Step-Down DC-to-DC Controller
REV. C
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
logo
Maxim Integrated Produc...
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com