Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1823ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1823ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1823ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP1823
Rev. A | Page 10 of 32
4.960
4.940
0
100
LOAD CURRENT (mA)
4.956
4.952
4.948
4.944
20
40
60
80
Figure 10. VREG vs. Load Current, VIN = 12 V
0
0
50
100
150
200
250
LOAD CURRENT (mA)
1
2
4
5
3
Figure 11. VREG Current-Limit Foldback
200ns/DIV
VREG, AC-COUPLED, 1V/DIV
SW1 PIN, VOUT = 1.8V, 10V/DIV
SW2 PIN, VOUT = 1.2V, 10V/DIV
T
Figure 12. VREG Output During Normal Operation
0.6010
0.5980
–40
85
TEMPERATURE (°C)
0.6005
0.6000
0.5995
0.5990
0.5985
–15
10
35
60
Figure 13. Feedback Voltage vs. Temperature, VIN = 12 V
330
260
–40
85
TEMPERATURE (°C)
320
310
300
290
280
270
–15
103560
Figure 14. Switching Frequency vs. Temperature, VIN = 12 V
5
0
22
SUPPLY VOLTAGE (V)
0
4
3
2
1
5
8
11
14
17
Figure 15. Supply Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com