Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1823ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1823ACPZ-R7
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1823ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1823ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP1823
Rev. A | Page 8 of 32
Pin No.
Mnemonic
Description
26
EN2
Enable Input for Channel 2. Drive EN2 high to turn on the Channel 2 controller, and drive it low to turn off.
Enabling starts the internal LDO. Tie to IN for automatic startup.
27
LDOSD
LDO Shut-Down Input. Only used to shut down the LDO in those applications where IN is tied directly to VREG.
Otherwise connect LDOSD to GND or leave it open, as it has an internal 100 kΩ pull-down resistor.
28
IN
Input Supply to the Internal Linear Regulator. Drive IN with 5.5 V to 20 V to power the ADP1823 from the LDO.
For input voltages between 2.9 V and 5.5 V, tie IN to VREG and PV.
29
VREG
Output of the Internal Linear Regulator (LDO). The internal circuitry and gate drivers are powered from VREG.
Bypass VREG to ground plane with 1 μF ceramic capacitor.
30
SS1
Soft Start Control Input. Connect a capacitor from SS1 to GND to set the soft start period.
31
TRK1
Tracking Input for Channel 1. To track a master voltage, drive TRK1 from a voltage divider to the master voltage.
If the tracking function is not used, connect TRK1 to VREG.
32
COMP1
Error Amplifier Output for Channel 1. Connect an RC network from COMP1 to FB1 to compensate Channel 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com