Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.5-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP2107ACPZ-1.5-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.5-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP2107ACPZ-1.5-R7 Datasheet HTML 22Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 23Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 24Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 25Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 26Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 27Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 28Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 29Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 26 of 32
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good circuit board layout is essential in obtaining the best
performance from the ADP2105/ADP2106/ADP2107. Poor
circuit layout degrades the output ripple, as well as the
electromagnetic interference (EMI) and electromagnetic
compatibility (EMC) performance.
Figure 52 and Figure 53 show the ideal circuit board layout for
the ADP2105/ADP2106/ADP2107. Use this layout to achieve
the highest performance. Refer to the following guidelines if
adjustments to the suggested layout are needed.
•
Use separate analog and power ground planes. Connect
the ground reference of sensitive analog circuitry (such as
compensation and output voltage divider components) to
analog ground; connect the ground reference of power
components (such as input and output capacitors) to power
ground. In addition, connect both the ground planes to the
exposed pad of the ADP2105/ADP2106/ADP2107.
•
For each PWIN pin, place an input capacitor as close to the
PWIN pin as possible and connect the other end to the closest
power ground plane.
•
Place the 0.1 μF, 10 Ω low-pass input filter between the IN
pin and the PWIN1 pin, as close to the IN pin as possible.
•
Ensure that the high current loops are as short and as wide
as possible. Make the high current path from CIN through
L, COUT, and the PGND plane back to CIN as short as possible.
To accomplish this, ensure that the input and output
capacitors share a common PGND plane.
Also, make the high current path from PGND pin of the
ADP2105/ADP2106/ADP2107 through L and COUT back
to the PGND plane as short as possible. To do this, ensure
that the PGND pin of the ADP2105/ADP2106/ADP2107
is tied to the PGND plane as close as possible to the input
and output capacitors.
•
Place the feedback resistor divider network as close as
possible to the FB pin to prevent noise pickup. Try to
minimize the length of trace connecting the top of the
feedback resistor divider to the output while keeping away
from the high current traces and the switch node (LX) that
can lead to noise pickup. To reduce noise pickup, place an
analog ground plane on either side of the FB trace. For the
low fixed voltage options (1.2 V and 1.5 V), poor routing
of the OUT_SENSE trace can lead to noise pickup, adversely
affecting load regulation. This can be fixed by placing a 1 nF
bypass capacitor close to the OUT_SENSE pin.
•
The placement and routing of the compensation components
are critical for proper behavior of the ADP2105/ADP2106/
ADP2107. The compensation components should be placed
as close to the COMP pin as possible. It is advisable to use
0402-sized compensation components for closer placement,
leading to smaller parasitics. Surround the compensation
components with analog ground plane to prevent noise
pickup. Also, ensure that the metal layer under the
compensation components is the analog ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com