Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.5-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP2107ACPZ-1.5-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.5-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP2107ACPZ-1.5-R7 Datasheet HTML 1Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 2Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 5 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
IN, EN, SS, COMP, OUT_SENSE/FB to
AGND
−0.3 V to +6 V
LX1, LX2 to PGND
−0.3 V to (VIN + 0.3 V)
PWIN1, PWIN2 to PGND
−0.3 V to +6 V
PGND to AGND
−0.3 V to +0.3 V
GND to AGND
−0.3 V to +0.3 V
PWIN1, PWIN2 to IN
−0.3 V to +0.3 V
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA1
Unit
16-Lead LFCSP_VQ/QFN
40
°C/W
Maximum Power Dissipation
1
W
1 θJA is specified for the worst-case conditions; that is, θJA is specified for device
soldered in circuit board for surface mount packages.
BOUNDARY CONDITION
Natural convection, 4-layer board, exposed pad soldered to
the PCB.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com