Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.5-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2107ACPZ-1.5-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.5-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2107ACPZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 19Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 20Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 21Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 22Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 19 of 32
BODE PLOTS
60
–40
1
300
(kHz)
10
100
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
LOOP GAIN
LOOP PHASE
PHASE
MARGIN = 48°
CROSSOVER
FREQUENCY = 87kHz
ADP2106
OUTPUT VOLTAGE = 1.8V
INPUT VOLTAGE = 5.5V
LOAD CURRENT = 1A
INDUCTOR = 2.2µH (LPS4012)
OUTPUT CAPACITOR = 22µF + 22µF
COMPENSATION RESISTOR = 180kΩ
COMPENSATION CAPACITOR = 56pF
NOTES
1. EXTERNAL COMPONENTS WERE CHOSEN FOR A
5% OVERSHOOT FOR A 1A LOAD TRANSIENT.
Figure 39. ADP2106 Bode Plot at VIN = 5.5 V, VOUT = 1.8 V and Load = 1 A
60
–40
1
300
(kHz)
10
100
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
NOTES
1. EXTERNAL COMPONENTS WERE CHOSEN FOR A
5% OVERSHOOT FOR A 1A LOAD TRANSIENT.
ADP2106
PHASE
MARGIN = 52°
LOOP GAIN
LOOP PHASE
OUTPUT VOLTAGE = 1.8V
INPUT VOLTAGE = 3.6V
LOAD CURRENT = 1A
INDUCTOR = 2.2µH (LPS4012)
OUTPUT CAPACITOR = 22µF + 22µF
COMPENSATION RESISTOR = 180kΩ
COMPENSATION CAPACITOR = 56pF
CROSSOVER
FREQUENCY = 83kHz
Figure 40. ADP2106 Bode Plot at VIN = 3.6 V, VOUT = 1.8 V, and Load = 1 A
60
–40
1
300
(kHz)
10
100
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
ADP2105
NOTES
1. EXTERNAL COMPONENTS WERE CHOSEN FOR A
5% OVERSHOOT FOR A 1A LOAD TRANSIENT.
LOOP GAIN
LOOP PHASE
PHASE
MARGIN = 51°
CROSSOVER
FREQUENCY = 71kHz
OUTPUT VOLTAGE = 1.2V
INPUT VOLTAGE = 3.6V
LOAD CURRENT = 1A
INDUCTOR = 3.3µH (SD3814)
OUTPUT CAPACITOR = 22µF + 22µF + 4.7µF
COMPENSATION RESISTOR = 267kΩ
COMPENSATION CAPACITOR = 39pF
Figure 41. ADP2105 Bode Plot at VIN = 3.6 V, VOUT = 1.2 V, and Load = 1 A
60
–40
1
300
(kHz)
10
100
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
ADP2105
NOTES
1. EXTERNAL COMPONENTS WERE CHOSEN FOR A
5% OVERSHOOT FOR A 1A LOAD TRANSIENT.
CROSSOVER
FREQUENCY = 79kHz
PHASE
MARGIN = 49°
LOOP GAIN
LOOP PHASE
OUTPUT VOLTAGE = 1.2V
INPUT VOLTAGE = 5.5V
LOAD CURRENT = 1A
INDUCTOR = 3.3µH (SD3814)
OUTPUT CAPACITOR = 22µF + 22µF + 4.7µF
COMPENSATION RESISTOR = 267kΩ
COMPENSATION CAPACITOR = 39pF
Figure 42. ADP2105 Bode Plot at VIN = 5.5 V, VOUT = 1.2 V and Load = 1 A
60
–40
1
300
(kHz)
10
100
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
ADP2107
NOTES
1. EXTERNAL COMPONENTS WERE CHOSEN FOR A
10% OVERSHOOT FOR A 1A LOAD TRANSIENT.
PHASE
MARGIN = 65°
CROSSOVER
FREQUENCY = 76kHz
OUTPUT VOLTAGE = 2.5V
INPUT VOLTAGE = 5V
LOAD CURRENT = 1A
INDUCTOR = 2µH (D62LCB)
OUTPUT CAPACITOR = 10µF + 4.7µF
COMPENSATION RESISTOR = 70kΩ
COMPENSATION CAPACITOR = 120pF
LOOP PHASE
LOOP GAIN
Figure 43. ADP2107 Bode Plot at VIN = 5 V, VOUT = 2.5 V and Load = 1 A
60
–40
1
300
(kHz)
10
100
50
40
30
20
10
0
–10
–20
–30
0
45
90
135
180
ADP2107
NOTES
1. EXTERNAL COMPONENTS WERE CHOSEN FOR A
10% OVERSHOOT FOR A 1A LOAD TRANSIENT.
LOOP GAIN
LOOP PHASE
PHASE
MARGIN = 70°
OUTPUT VOLTAGE = 3.3V
INPUT VOLTAGE = 5V
LOAD CURRENT = 1A
INDUCTOR = 2.5µH (CDRH5D28)
OUTPUT CAPACITOR = 10µF + 4.7µF
COMPENSATION RESISTOR = 70kΩ
COMPENSATION CAPACITOR = 120pF
CROSSOVER
FREQUENCY = 67kHz
Figure 44. ADP2107 Bode Plot at VIN = 5 V, VOUT = 3.3 V, and Load = 1 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com