Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.5-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP2107ACPZ-1.5-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.5-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP2107ACPZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 17Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 18Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 19Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 16 of 32
Once RBOT is determined, calculate the value of the top resistor,
RTOP, by
⎥
⎦
⎤
⎢
⎣
⎡
−
=
FB
FB
OUT
BOT
TOP
V
V
V
R
R
The ADP2105/ADP2106/ADP2107-xx (where xx represents
the fixed output voltage) include the resistive voltage divider
internally, reducing the external circuitry required. Connect the
OUT_SENSE to the output voltage as close as possible to the
load for improved load regulation.
INDUCTOR SELECTION
The high switching frequency of ADP2105/ADP2106/ADP2107
allows for minimal output voltage ripple even with small inductors.
The sizing of the inductor is a trade-off between efficiency and
transient response. A small inductor leads to larger inductor
current ripple that provides excellent transient response but
degrades efficiency. Due to the high switching frequency of
ADP2105/ADP2106/ADP2107, shielded ferrite core inductors
are recommended for their low core losses and low EMI.
As a guideline, the inductor peak-to-peak current ripple, ΔIL,
is typically set to 1/3 of the maximum load current for optimal
transient response and efficiency.
3
)
(
)
(MAX
LOAD
SW
IN
OUT
IN
OUT
L
I
L
f
V
V
V
V
I
≈
×
×
−
×
=
Δ
H
μ
)
(
5
.
2
)
(MAX
LOAD
IN
OUT
IN
OUT
IDEAL
I
V
V
V
V
L
×
−
×
×
=
⇒
where fSW is the switching frequency (1.2 MHz).
The ADP2105/ADP2106/ADP2107 use slope compensation in
the current control loop to prevent subharmonic oscillations
when operating beyond 50% duty cycle. The fixed slope compen-
sation limits the minimum inductor value as a function of
output voltage.
For the ADP2105:
L > (1.12 μH/V) × VOUT
For the ADP2106:
L > (0.83 μH/V) × VOUT
For the ADP2107:
L > (0.66 μH/V) × VOUT
Also, 4.7 μH or larger inductors are not recommended because
they may cause instability in discontinuous conduction mode
under light load conditions.
Finally, it is important that the inductor be capable of handling
the maximum peak inductor current, IPK, determined by the
following equation:
⎟
⎠
⎞
⎜
⎝
⎛ Δ
+
=
2
)
(
L
MAX
LOAD
PK
I
I
I
Ensure that the maximum rms current of the inductor is greater
than the maximum load current, and the saturation current of
the inductor is greater than the peak current limit of the converter
used in the application.
Table 5. Minimum Inductor Value for Common Output
Voltage Options for the ADP2105 (1 A)
VIN
VOUT
2.7 V
3.6 V
4.2 V
5.5 V
1.2 V
1.67 μH
2.00 μH
2.14 μH
2.35 μH
1.5 V
1.68 μH
2.19 μH
2.41 μH
2.73 μH
1.8 V
2.02 μH
2.25 μH
2.57 μH
3.03 μH
2.5 V
2.80 μH
2.80 μH
2.80 μH
3.41 μH
3.3 V
3.70 μH
3.70 μH
3.70 μH
3.70 μH
Table 6. Minimum Inductor Value for Common Output
Voltage Options for the ADP2106 (1.5 A)
VIN
VOUT
2.7 V
3.6 V
4.2 V
5.5 V
1.2 V
1.11 μH
2.33 μH
2.43 μH
1.56 μH
1.5 V
1.25 μH
1.46 μH
1.61 μH
1.82 μH
1.8 V
1.49 μH
1.50 μH
1.71 μH
2.02 μH
2.5 V
2.08 μH
2.08 μH
2.08 μH
2.27 μH
3.3 V
2.74 μH
2.74 μH
2.74 μH
2.74 μH
Table 7. Minimum Inductor Value for Common Output
Voltage Options for the ADP2107 (2 A)
VIN
VOUT
2.7 V
3.6 V
4.2 V
5.5 V
1.2 V
0.83 μH
1.00 μH
1.07 μH
1.17 μH
1.5 V
0.99 μH
1.09 μH
1.21 μH
1.36 μH
1.8 V
1.19 μH
1.19 μH
1.29 μH
1.51 μH
2.5 V
1.65 μH
1.65 μH
1.65 μH
1.70 μH
3.3 V
2.18 μH
2.18 μH
2.18 μH
2.18 μH
Table 8. Inductor Recommendations for the ADP2105/
ADP2106/ADP2107
Vendor
Small-Sized Inductors
( < 5 mm × 5 mm)
Large-Sized Inductors
( > 5 mm × 5 mm)
Sumida
CDRH2D14, 3D16,
3D28
CDRH4D18, 4D22,
4D28, 5D18, 6D12
Toko
1069AS-DB3018,
1098AS-DE2812,
1070AS-DB3020
D52LC, D518LC,
D62LCB
Coilcraft
LPS3015, LPS4012,
DO3314
DO1605T
Cooper
Bussmann
SD3110, SD3112,
SD3114, SD3118,
SD3812, SD3814
SD10, SD12, SD14, SD52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com