Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.5-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP2107ACPZ-1.5-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.5-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP2107ACPZ-1.5-R7 Datasheet HTML 24Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 25Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 26Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 27Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 28Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 29Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 30Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 31Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 31 of 32
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VGGC
2.25
2.10 SQ
1.95
16
5
13
8
9
12
1
4
1.95 BSC
PIN 1
INDICATOR
TOP
VIEW
4.00
BSC SQ
3.75
BSC SQ
COPLANARITY
0.08
EXPOSED
PAD
(BOTTOM VIEW)
12° MAX
1.00
0.85
0.80
SEATING
PLANE
0.35
0.30
0.25
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
0.20 REF
0.65 BSC
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
0.25 MIN
0.75
0.60
0.50
Figure 59. 16-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
4 mm × 4 mm Body, Very Thin Quad
(CP-16-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Output
Current
Junction
Temperature
Range
Output Voltage
Package Description
Package Option
ADP2105ACPZ-1.2-R71
1 A
−40°C to +125°C
1.2 V
16-Lead LFCSP_VQ
CP-16-4
ADP2105ACPZ-1.5-R71
1 A
−40°C to +125°C
1.5 V
16-Lead LFCSP_VQ
CP-16-4
ADP2105ACPZ-1.8-R71
1 A
−40°C to +125°C
1.8 V
16-Lead LFCSP_VQ
CP-16-4
ADP2105ACPZ-3.3-R71
1 A
−40°C to +125°C
3.3 V
16-Lead LFCSP_VQ
CP-16-4
ADP2105ACPZ-R71
1 A
−40°C to +125°C
ADJ
16-Lead LFCSP_VQ
CP-16-4
ADP2106ACPZ-1.2-R71
1.5 A
−40°C to +125°C
1.2 V
16-Lead LFCSP_VQ
CP-16-4
ADP2106ACPZ-1.5-R71
1.5 A
−40°C to +125°C
1.5 V
16-Lead LFCSP_VQ
CP-16-4
ADP2106ACPZ-1.8-R71
1.5 A
−40°C to +125°C
1.8 V
16-Lead LFCSP_VQ
CP-16-4
ADP2106ACPZ-3.3-R71
1.5 A
−40°C to +125°C
3.3 V
16-Lead LFCSP_VQ
CP-16-4
ADP2106ACPZ-R71
1.5 A
−40°C to +125°C
ADJ
16-Lead LFCSP_VQ
CP-16-4
ADP2107ACPZ-1.2-R71
2 A
−40°C to +125°C
1.2 V
16-Lead LFCSP_VQ
CP-16-4
ADP2107ACPZ-1.5-R71
2 A
−40°C to +125°C
1.5 V
16-Lead LFCSP_VQ
CP-16-4
ADP2107ACPZ-1.8-R71
2 A
−40°C to +125°C
1.8 V
16-Lead LFCSP_VQ
CP-16-4
ADP2107ACPZ-3.3-R71
2 A
−40°C to +125°C
3.3 V
16-Lead LFCSP_VQ
CP-16-4
ADP2107ACPZ-R71
2 A
−40°C to +125°C
ADJ
16-Lead LFCSP_VQ
CP-16-4
ADP2105-1.8-EVAL
1.8 V
Evaluation Board
ADP2105-EVAL
Adjustable, but set to 2.5 V
Evaluation Board
ADP2106-1.8-EVAL
1.8 V
Evaluation Board
ADP2106-EVAL
Adjustable, but set to 2.5 V
Evaluation Board
ADP2107-1.8-EVAL
1.8 V
Evaluation Board
ADP2107-EVAL
Adjustable, but set to 2.5 V
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com