Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.5-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP2107ACPZ-1.5-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.5-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP2107ACPZ-1.5-R7 Datasheet HTML 24Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 25Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 26Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 27Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 28Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 29Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 30Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 31Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 30 of 32
ADP2105-1.2
OFF
EN
SS
LX2
AGND
OUTPUT VOLTAGE = 1.2V
COMP
ON
PGND
GND
GND
GND
NC
LX1
PWIN2
VIN
VIN INPUT VOLTAGE = 2.7V TO 4.2V
22μF1
VOUT
VOUT
1nF
135kΩ
82pF
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
2.4μH2
4.7μF1
LOAD
0A TO 1A
4.7μF1
4.7μF1
10Ω
0.1μF
1 MURATA X5R 0805
4.7μF: GRM21BR61A475KA73L
22μF: GRM21BR60J226ME39L
2 TOKO 1069AS-DB3018HCT OR
TOKO 1070AS-DB3020HCT
NOTES
1. NC = NO CONNECT.
2. EXTERNAL COMPONENTS WERE
CHOSEN FOR A 10% OVERSHOOT
FOR A 1A LOAD TRANSIENT.
OUT_SENSE
PWIN1
IN
GND
Figure 57. Application Circuit—VIN = Li-Ion Battery, VOUT = 1.2 V, LOAD = 0 A to 1 A
ADP2106-ADJ
OFF
EN
SS
LX2
FB
PWIN1
AGND
OUTPUT VOLTAGE = 2.5V
COMP
ON
PGND
IN
GND
GND
GND
NC
GND
LX1
PWIN2
VIN
VIN INPUT VOLTAGE = 5V
FB
1nF
180kΩ
56pF
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
2.5μH2
10μF1 22μF1
LOAD
0A TO 1.5A
4.7μF1
10μF1
10Ω
0.1μF
1 MURATA X5R 0805
4.7μF: GRM21BR61A475KA73L
10μF: GRM21BR61A106KE19L
22μF: GRM21BR60J226ME39L
2 COILTRONICS SD14: 2.5μH
NOTES
1. NC = NO CONNECT.
2. EXTERNAL COMPONENTS WERE
CHOSEN FOR A 5% OVERSHOOT
FOR A 1A LOAD TRANSIENT.
85kΩ
40kΩ
FB
Figure 58. Application Circuit—VIN = 5 V, VOUT = 2.5 V, LOAD = 0 A to 1.5 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com