Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.5-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2107ACPZ-1.5-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.5-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2107ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 10Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 11Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 12Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 13Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 14Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 15Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 12 of 32
THEORY OF OPERATION
The ADP2105/ADP2106/ADP2107 are step-down, dc-to-dc
converters that use a fixed frequency, peak current-mode
architecture with an integrated high-side switch and low-side
synchronous rectifier. The high 1.2 MHz switching frequency
and tiny 16-lead, 4 mm × 4 mm LFCSP_VQ package allow for
a small step-down dc-to-dc converter solution. The integrated
high-side switch (P-channel MOSFET) and synchronous rectifier
(N-channel MOSFET) yield high efficiency at medium-to-
heavy loads. Light load efficiency is improved by smoothly
transitioning to variable frequency PFM mode.
The ADP2105/ADP2106/ADP2107-ADJ operate with an input
voltage from 2.7 V to 5.5 V and regulate an output voltage down
to 0.8 V. The ADP2105/ADP2106/ADP2107 are also available with
preset output voltage options of 3.3 V, 1.8 V, 1.5 V, and 1.2 V.
CONTROL SCHEME
The ADP2105/ADP2106/ADP2107 operate with a fixed
frequency, peak current-mode PWM control architecture at
medium-to-high loads for high efficiency, but shift to a variable
frequency PFM control scheme at light loads for lower quies-
cent current. When operating in fixed frequency PWM mode,
the duty cycle of the integrated switches is adjusted to regulate
the output voltage, but when operating in PFM mode at light
loads, the switching frequency is adjusted to regulate the output
voltage.
The ADP2105/ADP2106/ADP2107 operate in the PWM mode
only when the load current is greater than the pulse-skipping
threshold current. At load currents below this value, the converter
smoothly transitions to the PFM mode of operation.
PWM MODE OPERATION
In PWM mode, the ADP2105/ADP2106/ADP2107 operate at
a fixed frequency of 1.2 MHz set by an internal oscillator. At the
start of each oscillator cycle, the P-channel MOSFET switch is
turned on, putting a positive voltage across the inductor. Current
in the inductor increases until the current sense signal crosses
the peak inductor current level that turns off the P-channel
MOSFET switch and turns on the N-channel MOSFET synchro-
nous rectifier. This puts a negative voltage across the inductor,
causing the inductor current to decrease. The synchronous
rectifier stays on for the rest of the cycle, unless the inductor
current reaches zero, which causes the zero-crossing comparator
to turn off the N-channel MOSFET, as well. The peak inductor
current is set by the voltage on the COMP pin. The COMP pin
is the output of a transconductance error amplifier that compares
the feedback voltage with an internal 0.8 V reference.
PFM MODE OPERATION
The ADP2105/ADP2106/ADP2107 smoothly transition to the
variable frequency PFM mode of operation when the load current
decreases below the pulse-skipping threshold current, switching
only as necessary to maintain the output voltage within regulation.
When the output voltage dips below regulation, the ADP2105/
ADP2106/ADP2107 enter PWM mode for a few oscillator cycles
to increase the output voltage back to regulation. During the wait
time between bursts, both power switches are off, and the output
capacitor supplies all the load current. Because the output voltage
dips and recovers occasionally, the output voltage ripple in this
mode is larger than the ripple in the PWM mode of operation.
PULSE-SKIPPING THRESHOLD
The output current at which the ADP2105/ADP2106/ADP2107
transition from variable frequency PFM control to fixed frequency
PWM control is called the pulse-skipping threshold. The pulse-
skipping threshold has been optimized for excellent efficiency
over all load currents. The variation of pulse-skipping threshold
with input voltage and output voltage is shown in Figure 23,
Figure 25, and Figure 26.
100% DUTY CYCLE OPERATION (LDO MODE)
As the input voltage drops, approaching the output voltage,
the ADP2105/ADP2106/ADP2107 smoothly transition to 100%
duty cycle, maintaining the P-channel MOSFET switch on continu-
ously. This allows the ADP2105/ADP2106/ADP2107 to regulate
the output voltage until the drop in input voltage forces the
P-channel MOSFET switch to enter dropout, as shown in the
following equation:
VIN(MIN) = IOUT × (RDS(ON) − P + DCRIND) + VOUT(NOM)
The ADP2105/ADP2106/ADP2107 achieve 100% duty cycle
operation by stretching the P-channel MOSFET switch on-time
if the inductor current does not reach the peak inductor current
level by the end of the clock cycle. Once this happens, the oscil-
lator remains off until the inductor current reaches the peak
inductor current level, at which time the switch is turned off and
the synchronous rectifier is turned on for a fixed off-time. At
the end of the fixed off-time, another cycle is initiated. As the
ADP2105/ADP2106/ADP2107 approach dropout, the switching
frequency decreases gradually to smoothly transition to 100%
duty cycle operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com