Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-1.5-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP2107ACPZ-1.5-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-1.5-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP2107ACPZ-1.5-R7 Datasheet HTML 1Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 2Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 3Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 4Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 5Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 6Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 7Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 8Page - Analog Devices ADP2107ACPZ-1.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VIN = 3.6 V @ TA = 25°C, unless otherwise noted.1 Bold values indicate −40°C ≤ TJ ≤ +125°C.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Input Voltage Range
2.7
5.5
V
Undervoltage Lockout Threshold
VIN rising
2.2
2.4
2.6
V
VIN falling
2.0
2.2
2.5
V
Undervoltage Lockout Hysteresis2
200
mV
OUTPUT CHARACTERISTICS
Output Regulation Voltage
ADP210x-3.3, load = 10 mA
3.267
3.3
3.333
V
ADP210x-3.3, VIN = 3.5 V to 5.5 V, no load to full load
3.201
3.3
3.399
V
ADP210x-1.8, load = 10 mA
1.782
1.8
1.818
V
ADP210x-1.8, VIN = 2.7 V to 5.5 V, no load to full load
1.746
1.8
1.854
V
ADP210x-1.5, load = 10 mA
1.485
1.5
1.515
V
ADP210x-1.5, VIN = 2.7 V to 5.5 V, no load to full load
1.455
1.5
1.545
V
ADP210x-1.2, load = 10 mA
1.188
1.2
1.212
V
ADP210x-1.2, VIN = 2.7 V to 5.5 V, no load to full load
1.164
1.2
1.236
V
Load Regulation
ADP2105
0.4
%/A
ADP2106
0.5
%/A
ADP2107
0.6
%/A
Line Regulation3
Measured in servo loop
0.1
0.3
%/V
Output Voltage Range
ADP210x-ADJ
0.8
VIN
V
FEEDBACK CHARACTERISTICS
ADP210x-1.2
3
6
μA
ADP210x-1.5
4
8
μA
ADP210x-1.8
5
10
μA
OUT_SENSE Bias Current
ADP210x-3.3
10
20
μA
FB Regulation Voltage
ADP210x-ADJ
0.784
0.8
0.816
V
FB Bias Current
ADP210x-ADJ
−0.1
+0.1
μA
INPUT CURRENT CHARACTERISTICS
IN Operating Current
ADP210x-ADJ, VFB = 0.9 V
20
30
μA
ADP210x-xx, output voltage 10% above regulation voltage
20
30
μA
IN Shutdown Current
VEN = 0 V
0.1
15
μA
LX (SWITCH NODE) CHARACTERISTICS
LX On Resistance4
P-channel switch
100
165
m
Ω
N-channel synchronous rectifier
90
140
m
Ω
LX Leakage Current4
VIN = 5.5 V, VLX = 0 V, 5.5 V
0.1
15
μA
LX Peak Current Limit4
P-channel switch, ADP2107
2.6
2.9
3.3
A
P-channel switch, ADP2106
2.0
2.25
2.6
A
P-channel switch, ADP2105
1.3
1.5
1.8
A
LX Minimum On-Time4
In PWM mode of operation, VIN = 5.5 V
100
ns
ENABLE CHARACTERISTICS
EN Input High Voltage
VIN = 2.7 V to 5.5 V
2
V
EN Input Low Voltage
VIN = 2.7 V to 5.5 V
0.4
V
EN Input Leakage Current
VIN = 5.5 V, VEN = 0 V, 5.5 V
−1
−0.1
+1
μA
OSCILLATOR FREQUENCY
VIN = 2.7 V to 5.5 V
1
1.2
1.4
MHz
SOFT START PERIOD
CSS = 1 nF
750
1000
1200
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com