Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080BCCZN-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5080BCCZN-R7
Description  Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5080BCCZN-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5080BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
ADRF5080
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 15
Table 1. Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Digital Control Input Voltage
VCTRL
0
VDD
V
RF Power Handling2
PIN
f = 100 MHz to 20 GHz, TCASE = 85°C3
Insertion Loss Path
RF signal is applied to RFC or through connected
RFx
33
dBm
Hot Switching
RF signal is applied to RFC or through connected
RFx
30
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see the Input Power Compression and Third-Order Intercept section.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For 105°C operation, the power handling derates from the TCASE = 85°C specification by 3 dB.
SINGLE-SUPPLY OPERATION SPECIFICATIONS
Positive supply voltage (VDD) = 3.3 V, negative supply voltage (VSS) = 0 V, LS voltage (VLS), EN voltage (VEN), V1, V2, or V3 = 0 V or VDD, and
TCASE = 25°C, with a 50 Ω system, unless otherwise noted. RFx refers to RF1 to RF8, and VCTRL is the digital control inputs voltage of the V1,
V2, and V3 pins.
The small signal and bias characteristics are maintained for the single-supply operation.
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
20,000
MHz
SWITCHING
Rise Time and Fall Time
tRISE, tFALL
10% to 90% of RFOUT
50
ns
On Time and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
150
ns
0.1 dB Settling Time
50% VCTRL to 0.1 dB of final RFOUT
300
ns
INPUT LINEARITY
0.1 dB Power Compression
P0.1dB
f = 100 MHz to 20 GHz
18
dBm
Third-Order Intercept
IP3
Two-tone input power = 20 dBm each tone, f = 15
GHz, Δf = 1 MHz
37
dBm
RECOMMENDED OPERATING CONDITIONS
RF Power Handling
f = 100 MHz to 20 GHz, TCASE = 85°C
Insertion Loss Path
RF signal is applied to RFC or through connected
RFx
15
dBm
Hot Switching
RF signal is applied to RFC or through connected
RFx
9
dBm
Case Temperature
TCASE
−40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com