Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080BCCZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5080BCCZN-R7
Description  Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5080BCCZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5080BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Data Sheet
ADRF5080
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 14 of 15
The ADRF5080 has two power supply pins (VDD and VSS) and
five digital control pins (LS, EN, V1, V2, and V3). Figure 27 shows
the external components and connections for the supply and control
pins. Supply and control pins are decoupled with a 10 pF or 100
pF multilayer ceramic capacitor. The device pinout allows the place-
ment of the decoupling capacitors close to the device. No other
external components are needed for bias and operation, except
DC blocking capacitors on the RFx pins when the RF lines are
biased at a voltage different than 0 V. Refer to Pin Configuration
and Function Descriptions section for further details.
Figure 27. Recommended Schematic
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally and the pinout is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 28 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003 dielectric material. The RF trace with a 14 mil width and
a 7 mil clearance is recommended for 2.8 mil finished copper
thickness.
Figure 28. Example PCB Stackup
Figure 29 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with as
many filled through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the device is the bottom
side.
Figure 29. PCB Routings
Figure 30 shows the recommended layout from the device RFx
pins to the 50 Ω CPWG on the referenced stackup. PCB pads are
drawn 1:1 to device pads. The ground pads are drawn solder mask
defined, and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended with the same width by 2 mils
and tapered to an RF trace with 45° angle. The paste mask is
also designed to match the pad without any aperture reduction. The
paste is divided into multiple openings for the paddle.
Figure 30. Recommended RFx Pin Transitions
For alternate PCB stackups with different dielectric thickness and
CPWG design, contact Analog Devices, Inc., Technical Support
Request for further recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com