Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080BCCZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5080BCCZN-R7
Description  Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5080BCCZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5080BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Data Sheet
ADRF5080
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 15
Figure 4. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RF6
RF Throw Port 6. The RF6 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required
when the RF line potential is equal to 0 V DC. See Figure 5 for the interface schematic.
2, 3, 5, 6, 8, 12, 13, 15, 20, 22, 23, 25,
26, 28, 29, 31 to 33, 35, 36
GND
Ground. The GND pins must be connected to the RF and DC ground of the PCB.
4
RF7
RF Throw Port 7. The RF7 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required
when the RF line potential is equal to 0 V DC. See Figure 5 for the interface schematic.
7
RF8
RF Throw Port 8. The RF8 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required
when the RF line potential is equal to 0 V DC. See Figure 5 for the interface schematic.
9
LS
Logic Select. See Table 7 for the truth table. See Figure 7 for the interface schematic.
10
VDD
Positive Supply Voltage.
11
VSS
Negative Supply Voltage.
14
RFC
RF Common Port. The RFC pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required
when the RF line potential is equal to 0 V DC. See Figure 5 for the interface schematic.
16
V3
Digital Input 3. See Table 7 for the truth table. See Figure 6 for the interface schematic.
17
V2
Digital Input 2. See Table 7 for the truth table. See Figure 6 for the interface schematic.
18
V1
Digital Input 1. See Table 7 for the truth table. See Figure 6 for the interface schematic.
19
EN
Enable Input. See Table 7 for the truth table. See Figure 7 for the interface schematic.
21
RF1
RF Throw Port 1. The RF1 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required
when the RF line potential is equal to 0 V DC. See Figure 5 for the interface schematic.
24
RF2
RF Throw Port 2. This pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required
when the RF line potential is equal to 0 V DC. See Figure 5 for the interface schematic.
27
RF3
RF Throw Port 3. The RF3 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required
when the RF line potential is equal to 0 V DC. See Figure 5 for the interface schematic.
30
RF4
RF Throw Port 4. The RF4 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required
when the RF line potential is equal to 0 V DC. See Figure 5 for the interface schematic.
34
RF5
RF Throw Port 5. The RF5 pin is DC-coupled to 0 V and AC matched to 50 Ω. No DC blocking capacitor is required
when the RF line potential is equal to 0 V DC. See Figure 5 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and DC ground of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com