Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5080BCCZN-R7
Description  Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5080BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5080BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Data Sheet
ADRF5080
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 10 of 15
Figure 14. Isolation for RFC to RFx (Off) vs. Frequency, RFC to RF3 Path On
Figure 15. Isolation for RFC to RFx (Off) vs. Frequency, RFC to RF5 Path On
Figure 16. Isolation for RFC to RFx (Off) vs. Frequency, RFC to RF7 Path On
Figure 17. Isolation for RFC to RFx (Off) vs. Frequency, RFC to RF4 Path On
Figure 18. Isolation for RFC to RFx (Off) vs. Frequency, RFC to RF6 Path On
Figure 19. Isolation for RFC to RFx (Off) vs. Frequency, RFC to RF8 Path On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com