Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5080BCCZN-R7
Description  Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5080BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5080BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
ADRF5080
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 15
Figure 20. Worst-Case Channel-to-Channel Isolation vs. Frequency, RFC to
RFx Path On
Figure 21. Best-Case Channel-to-Channel Isolation vs. Frequency, RFC to
RFx Path On
Figure 22. Port-to-Port Insertion Loss Phase Difference, RFC to RFx Path
(On), vs. Frequency, Normalized to RF1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com