Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080BCCZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5080BCCZN-R7
Description  Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5080BCCZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5080BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
ADRF5080
Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 100 MHz to 20 GHz
►
Low insertion loss
►
1.3 dB up to 6 GHz
►
1.6 dB up to 12 GHz
►
2.0 dB up to 20 GHz
►
High isolation
►
46 dB up to 6 GHz
►
45 dB up to 12 GHz
►
40 dB up to 20 GHz
►
High input linearity
►
P0.1dB: 33 dBm typical
►
IP3: 55 dBm typical
►
High RF power handling
►
Insertion loss path: 33 dBm
►
Hot switching: 30 dBm
►
Fast switching on and off time: 55 ns
►
0.1 dB settling time (50% VCTRL to 0.1 dB final RFOUT): 100 ns
►
Single-supply operation capability
►
All off state control
►
Logic select control
►
No low frequency spurs
►
36-terminal, 5.50 mm x 5.50 mm LGA package
APPLICATIONS
►
Test and instrumentation
►
Military radios, radars, and electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5080 is a reflective, SP8T switch manufactured in the
silicon process. The ADRF5080 operates from 100 MHz to 20 GHz
with an insertion loss of lower than 2.0 dB and an isolation higher
than 40 dB. The device has an RF input power handling capability
of 30 dBm continuous wave power for the insertion loss path.
The ADRF5080 operates with a dual-supply voltage, +3.3 V and
−3.3 V. The device can also operate with a single-supply voltage
(VDD) applied while the negative supply pin (VSS) is tied to ground.
The single-supply operation condition requires a lower operating
power while the excellent small signal performance is maintained
See Table 2 for details.
The ADRF5080 employs complementary metal-oxide semiconduc-
tor (CMOS)-/low voltage transistor to transistor logic (LVTTL)-com-
patible controls.
The ADRF5080 comes in a 36-terminal, 5.50 mm × 5.50 mm, RoHS
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.


Similar Part No. - ADRF5080BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5010 AD-ADRF5010 Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5010-EVALZ AD-ADRF5010-EVALZ Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5010BCCZN AD-ADRF5010BCCZN Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5010BCCZN-R7 AD-ADRF5010BCCZN-R7 Datasheet
654Kb / 12P
Silicon SPST Switch, Nonreflective, 100 MHz to 55 GHz
Rev. 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
More results

Similar Description - ADRF5080BCCZN-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0003 MACOM-SW65-0003 Datasheet
277Kb / 4P
GaAs SP8T Reflective Switch, DC - 2500 MHz
logo
Hittite Microwave Corpo...
HMC183QS24 HITTITE-HMC183QS24 Datasheet
216Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Peregrine Semiconductor
PE42482 PSEMI-PE42482 Datasheet
910Kb / 23P
SP8T RF Switch, 10 MHz?? GHz
logo
Analog Devices
ADRF5046 AD-ADRF5046 Datasheet
474Kb / 15P
Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
4/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com