Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080BCCZN-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF5080BCCZN-R7
Description  Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5080BCCZN-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF5080BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 13Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 14Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
ADRF5080
THEORY OF OPERATION
analog.com
Rev. 0 | 13 of 15
The ADRF5080 integrates a driver to perform logic function inter-
nally and to provide the advantage of a simplified CMOS-/LVTTL-
compatible control interface. The driver features five digital control
input pins (LS, EN, V1, V2, and V3) that control the state of the RFx
paths (see Table 7).
The LS input allows the user to define the control input logic
sequence for the RF path selections. The logic level applied to the
V1, V2, and V3 pins determine which RF port is in the insertion loss
state while the other three paths are in the isolation state.
When the EN pin is logic low, the logic level applied to the CMOS
control input pin determines which RF port is in the insertion loss
state and which RF port is in the isolation state. The insertion loss
path conducts the RF signal between the selected RF throw port
and the RF common port. The isolation path provides high loss
between the insertion loss path and the unselected RF throw port.
The unselected RF port of the ADRF5080 is reflective.
When the EN pin is logic high, the switch is in an all off state
regardless of the logic state of the LS, V1, V2 and V3 pins, and all
of the RFx to RFC path is in an isolation state.
RF INPUT AND OUTPUT
All of the RF ports (RFC, RF1 to RF8) are DC-coupled to 0 V,
and no DC blocking is required at the RF ports when the RF line
potential is equal to 0 V. The RF ports are internally matched to 50
Ω. Therefore, external matching networks are not required.
The switch design is bidirectional with equal power handling capa-
bilities. The RF input signal can be applied to the RFC port or the
selected RF throw port.
POWER SUPPLY
The ADRF5080 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ideal power-up sequence is as follows:
1. Connect GND to ground.
2. Power up VDD and VSS. Powering up VSS after VDD avoids
current transients on VDD during ramp up.
3. Apply a control voltage to the digital control inputs (EN, LS, V1,
V2, and V3). Applying a control voltage to the digital control
inputs before the VDD supply can inadvertently forward bias
and damage the internal ESD protection structures. Use a
series 1 kΩ resistor to limit the current flowing into the control
pin in such cases. If the control pins are not driven to a valid
logic state (that is, controller output is in high impedance state)
after VDD is powered up, it is recommended to use a pull-up or
pull-down resistor.
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.
SINGLE-SUPPLY OPERATION
The ADRF5080 can operate with a single positive supply voltage
applied to the VDD pin and VSS pin connected to ground. However,
some performance degradations can occur in the input compres-
sion and input third-order intercept.
Table 7. Control Voltage Truth Table
Digital Control Inputs
RFx Paths
EN
LS
V3
V2
V1
RF1 to RFC RF2 to RFC RF3 to RFC RF4 to RFC RF5 to RFC RF6 to RFC
RF7 to RFC RF8 to RFC
Low
Low
Low
Low
Low
On
Off
Off
Off
Off
Off
Off
Off
Low
Low
Low
Low
High
Off
On
Off
Off
Off
Off
Off
Off
Low
Low
Low
High
Low
Off
Off
On
Off
Off
Off
Off
Off
Low
Low
Low
High
High
Off
Off
Off
On
Off
Off
Off
Off
Low
Low
High
Low
Low
Off
Off
Off
Off
On
Off
Off
Off
Low
Low
High
Low
High
Off
Off
Off
Off
Off
On
Off
Off
Low
Low
High
High
Low
Off
Off
Off
Off
Off
Off
On
Off
Low
Low
High
High
High
Off
Off
Off
Off
Off
Off
Off
On
Low
High
Low
Low
Low
Off
Off
Off
Off
Off
Off
Off
On
Low
High
Low
Low
High
Off
Off
Off
Off
Off
Off
On
Off
Low
High
Low
High
Low
Off
Off
Off
Off
Off
On
Off
Off
Low
High
Low
High
High
Off
Off
Off
Off
On
Off
Off
Off
Low
High
High
Low
Low
Off
Off
Off
On
Off
Off
Off
Off
Low
High
High
Low
High
Off
Off
On
Off
Off
Off
Off
Off
Low
High
High
High
Low
Off
On
Off
Off
Off
Off
Off
Off
Low
High
High
High
High
On
Off
Off
Off
Off
Off
Off
Off
High
Low or
high
Low or
high
Low or
high
Low or
high
Off
Off
Off
Off
Off
Off
Off
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com