Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5080BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5080BCCZN-R7
Description  Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5080BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5080BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5080BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
ADRF5080
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 15
For recommended operating conditions, see Table 1 and Table 2.
Table 3. Absolute Maximum Ratings
Parameter
Rating
Supply Voltage
VDD
−0.3 V to +3.6 V
VSS
−3.6 V to +0.3 V
Digital Control Input1
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Input Power2
Dual Supply (VDD = 3.3 V, VSS = −3.3 V, f = 100 MHz
to 20 GHz, TCASE = 85°C3)
Through Path
33.5 dBm
Hot Switching
30.5 dBm
Single Supply (VDD = 3.3 V, VSS = 0 V, f = 100 MHz
to 20 GHz, TCASE = 85°C3)
Through Path
15.5 dBm
Hot Switching
9.5 dBm
Unbiased (VDD, VSS = 0V )
10.5 dBm
Temperature
Junction (TJ)
135°C
Storage
−65°C to +150°C
Reflow
260°C
1 Overvoltages at digital control inputs are clamped by internal diodes. Current
must be limited to the maximum rating given.
2 For power derating over frequency, see Figure 2 and Figure 3.
3 For 105°C operation, the power handling degrades from the TCASE = 85°C
specification by 3 dB.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required. θJC is the junction to case bottom
(channel to package bottom) thermal resistance.
Table 4. Thermal Resistance
Package Type
θJC1
Unit
CC-36-2
Insertion Loss Path
130
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to thermal conduction from the channel through the
round pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low Frequency Detail, TCASE = 85°C
Figure 3. Power Derating vs. Frequency, High Frequency Detail, TCASE = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com