Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396/PCB Datasheet(PDF) 29 Page - Analog Devices

Part # AD9396/PCB
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396/PCB Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9396/PCB Datasheet HTML 25Page - Analog Devices AD9396/PCB Datasheet HTML 26Page - Analog Devices AD9396/PCB Datasheet HTML 27Page - Analog Devices AD9396/PCB Datasheet HTML 28Page - Analog Devices AD9396/PCB Datasheet HTML 29Page - Analog Devices AD9396/PCB Datasheet HTML 30Page - Analog Devices AD9396/PCB Datasheet HTML 31Page - Analog Devices AD9396/PCB Datasheet HTML 32Page - Analog Devices AD9396/PCB Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
AD9396
Rev. 0 | Page 29 of 48
2-WIRE SERIAL CONTROL REGISTER DETAILS
CHIP IDENTIFICATION
0x00—Bits[7:0] Chip Revision
An 8-bit value that reflects the current chip revision.
PLL DIVIDER CONTROL
0x01—Bits[7:0] PLL Divide Ratio MSBs
The eight most significant bits of the 12-bit PLL divide ratio
PLLDIV.
The PLL derives a pixel clock from the incoming HSYNC
signal. The pixel clock frequency is then divided by an integer
value such that the output is phase locked to HSYNC. This
PLLDIV value determines the number of pixel times (pixels
plus horizontal blanking overhead) per line. This is typically
20% to 30% more than the number of active pixels in the
display.
The 12-bit value of the PLL divider supports divide ratios from
221 to 4095. The higher the value loaded in this register, the
higher the resulting clock frequency with respect to a fixed
HSYNC frequency.
VESA has established some standard timing specifications,
which assists in determining the value for PLLDIV as a function
of horizontal and vertical display resolution and frame rate
(see Table 9).
However, many computer systems do not conform precisely to
the recommendations, and these numbers should be used only
as a guide. The display system manufacturer should provide
automatic or manual means for optimizing PLLDIV. An
incorrectly set PLLDIV usually produces one or more vertical
noise bars on the display. The greater the error, the greater the
number of bars produced.
The power-up default value of PLLDIV is 1693 (PLLDIVM =
0x69, PLLDIVL = 0xDx).
The AD9396 updates the full divide ratio only when the LSBs
are changed. Writing to this register by itself does not trigger an
update.
0x02—Bits[7:4] PLL Divide Ratio LSBs
The four least significant bits of the 12-bit PLL divide ratio
PLLDIV.
The power-up default value of PLLDIV is 1693 (PLLDIVM =
0x69, PLLDIVL = 0xDx).
CLOCK GENERATOR CONTROL
0x03—Bits[7:6] VCO Range Select
Two bits that establish the operating range of the clock
generator. VCORNGE must be set to correspond with the
desired operating frequency (incoming pixel rate). The PLL
gives the best jitter performance at high frequencies. For this
reason, to output low pixel rates and still get good jitter
performance, the PLL actually operates at a higher frequency
but then divides down the clock rate. Table 13 shows the pixel
rates for each VCO range setting. The PLL output divisor is
automatically selected with the VCO range setting.
Table 13. VCO Ranges
VCO Range
Pixel Rate Range
00
12 to 30
01
30 to 60
10
60 to 120
11
120 to 150
The power-up default value is 01.
Bits[5:3] Charge Pump Current
Three bits that establish the current driving the loop filter in the
clock generator.
Table 14. Charge Pump Currents
Ip2
Ip1
Ip0
Current (μA)
0
0
0
50
0
0
1
100
0
1
0
150
0
1
1
250
1
0
0
350
1
0
1
500
1
1
0
750
1
1
1
1500
The power-up default value is current = 001.
Bit[2] External Clock Enable
This bit determines the source of the pixel clock.
A Logic 0 enables the internal PLL that generates the pixel clock
from an externally provided HSYNC.
A Logic 1 enables the external CKEXT input pin. In this mode,
the PLL divide ratio (PLLDIV) is ignored. The clock phase
adjusts (phase is still functional). The power-up default value is
EXTCLK = 0.
0x04—Bits[7:3] Phase Adjust
These bits provide a phase adjustment for the DLL to generate
the ADC clock, a 5-bit value that adjusts the sampling phase in
32 steps across one pixel time. Each step represents an 11.25°
shift in sampling phase. The power-up default is 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com