Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396/PCB Datasheet(PDF) 41 Page - Analog Devices

Part # AD9396/PCB
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396/PCB Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9396/PCB Datasheet HTML 37Page - Analog Devices AD9396/PCB Datasheet HTML 38Page - Analog Devices AD9396/PCB Datasheet HTML 39Page - Analog Devices AD9396/PCB Datasheet HTML 40Page - Analog Devices AD9396/PCB Datasheet HTML 41Page - Analog Devices AD9396/PCB Datasheet HTML 42Page - Analog Devices AD9396/PCB Datasheet HTML 43Page - Analog Devices AD9396/PCB Datasheet HTML 44Page - Analog Devices AD9396/PCB Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AD9396
Rev. 0 | Page 41 of 48
PCB LAYOUT RECOMMENDATIONS
The AD9396 is a high precision, high speed analog device. To
achieve the maximum performance from the part, it is impor-
tant to have a well laid-out board. The following is a guide for
designing a board using the AD9396.
ANALOG INTERFACE INPUTS
Using the following layout techniques on the graphics inputs is
extremely important:
•
Minimize the trace length running into the graphics inputs
by placing the AD9396 as close as possible to the graphics
VGA connector. Long input trace lengths are undesirable,
because they pick up more noise from the board and other
external sources.
•
Place the 75 Ω termination resistors (see Figure 3) as close
to the AD9396 chip as possible. Any additional trace length
between the termination resistors and the input of the
AD9396 increases the magnitude of reflections, which
corrupts the graphics signal.
•
Use 75 Ω matched impedance traces. Trace impedances
other than 75 Ω also increase the chance of reflections.
The AD9396 has very high input bandwidth (300 MHz). While
this is desirable for acquiring a high resolution PC graphics
signal with fast edges, it means that it also captures any high
frequency noise present. Therefore, it is important to reduce the
amount of noise that is coupled to the inputs. Avoid running
any digital traces near the analog inputs.
Due to the high bandwidth of the AD9396, sometimes low-pass
filtering the analog inputs can help to reduce noise. For many
applications, filtering is unnecessary. Experiments have shown
that placing a series ferrite bead prior to the 75 Ω termination
resistor is helpful in filtering out excess noise. Specifically, the
part used was the Fair-Rite 2508051217Z0, but each application
may work best with a different bead value. Alternatively, placing
a 100 Ω to 120 Ω resistor between the 75 Ω termination resistor
and the input coupling capacitor can also be beneficial.
POWER SUPPLY BYPASSING
It is recommended to bypass each power supply pin with a
0.1 μF capacitor. The exception is when two or more supply
pins are adjacent to each other. For these groupings of
powers/grounds, it is only necessary to have one bypass
capacitor. The fundamental idea is to have a bypass capacitor
within about 0.5 cm of each power pin. Also, avoid placing the
capacitor on the opposite side of the PC board from the
AD9396, because that interposes resistive vias in the path.
The bypass capacitors should be physically located between the
power plane and the power pin. Current should flow from the
power plane to the capacitor to the power pin. Do not make the
power connection between the capacitor and the power pin.
Placing a via underneath the capacitor pads down to the power
plane is generally the best approach.
It is particularly important to maintain low noise and good
stability of PVDD (the clock generator supply). Abrupt changes
in PVDD can result in similarly abrupt changes in sampling clock
phase and frequency. This can be avoided by careful attention to
regulation, filtering, and bypassing. It is highly desirable to
provide separate regulated supplies for each of the analog
circuitry groups (VD and PVDD).
Some graphic controllers use substantially different levels of
power when active (during active picture time) and when idle
(during HSYNC and VSYNC periods). This can result in a
measurable change in the voltage supplied to the analog supply
regulator, which can in turn produce changes in the regulated
analog supply voltage. This can be mitigated by regulating the
analog supply, or at least PVDD, from a different, cleaner, power
source (for example, from a 12 V supply).
It is recommended to use a single ground plane for the entire
board. Experience has shown repeatedly that the noise perfor-
mance is the same or better with a single ground plane. Using
multiple ground planes can be detrimental because each
separate ground plane is smaller and long ground loops can
result.
When using separate ground planes is unavoidable, placing a
single ground plane under the AD9396 is recommended. The
location of the split should be at the receiver of the digital
outputs. In this case it is even more important to place com-
ponents wisely because the current loops are much longer,
(current takes the path of least resistance). An example of a
current loop is: power plane to AD9396 to digital output
trace to digital data receiver to digital ground plane to analog
ground plane .
PLL
Place the PLL loop filter components as close as possible to the
FILT pin.
Do not place any digital or other high frequency traces near
these components.
Use the values suggested in the data sheet with 10% tolerances
or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com