Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD9396/PCB
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9396/PCB Datasheet HTML 21Page - Analog Devices AD9396/PCB Datasheet HTML 22Page - Analog Devices AD9396/PCB Datasheet HTML 23Page - Analog Devices AD9396/PCB Datasheet HTML 24Page - Analog Devices AD9396/PCB Datasheet HTML 25Page - Analog Devices AD9396/PCB Datasheet HTML 26Page - Analog Devices AD9396/PCB Datasheet HTML 27Page - Analog Devices AD9396/PCB Datasheet HTML 28Page - Analog Devices AD9396/PCB Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
AD9396
Rev. 0 | Page 25 of 48
Hex
Address
Read/Write
or Read Only
Bits
Default
Value
Register Name
Description
[3:2]
****00**
Output Mode
Selects which pins the data comes out on.
00 = 4:4:4 mode (normal).
01 = 4:2:2 + DDR 4:2:2 on blue.
10 = DDR 4:4:4 + DDR 4:2:2 on blue.
[1]
******1*
Primary Output
Enable
Enables primary output.
[0]
*******0
Secondary
Output Enable
Enables secondary output (DDR 4:2:2 in Output Mode 1 and
Mode 2).
0x26
Read/Write
[7]
0*******
Output Three-
State
Three-states the outputs.
[6]
*0******
SOG Three-State
Three-states the SOG output.
[3]
****1***
Power-Down Pin
Polarity
Sets polarity of power-down pin.
0 = active low.
1 = active high.
Selects the function of the power-down pin.
[2:1]
*****00*
Power-Down Pin
Function
00 = power-down.
01 = power-down and three-state SOG.
10 = three-state outputs only.
11 = three-state outputs and SOG.
[0]
*******0
Power-Down
0 = normal.
1 = power-down.
0x27
Read/Write
[7]
1*******
Auto Power-
Down Enable
0 = disable auto low power state.
1 = enable auto low power state.
[6]
*0******
HDCP A0
Sets the LSB of the address of the HDCP I2C. Set to 1 only for a
second receiver in a dual-link configuration.
0 = use internally generated MCLK.
1 = use external MCLK input.
[4]
***0****
BT656 EN
Enables EAV/SAV codes to be inserted into the video output data.
[3]
****0***
Force DE
Generation
Allows use of the internal DE generator in DVI mode.
[2:0]
*****000
Interlace Offset
Sets the difference (in HSYNCs) in field length between Field 0 and
Field 1.
0x28
Read/Write
[7:2]
011000**
VS Delay
Sets the delay (in lines) from VSYNC leading edge to the start of
active video.
[1:0]
******01
HS Delay MSB
MSB, Register 0x29.
0x29
Read/Write
[7:0]
00000100
HS Delay
Sets the delay (in pixels) from HSYNC leading edge to the start of
active video.
0x2A
Read/Write
[3:0]
****0101
Line Width MSB
MSB, Register 0x2B.
0x2B
Read/Write
[7:0]
00000000
Line Width
Sets the width of the active video line (in pixels).
0x2C
Read/Write
[3:0]
****0010
Screen Height
MSB
MSB, Register 0x2D.
0x2D
Read/Write
[7:0]
11010000
Screen Height
Sets the height of the active screen (in lines).
0x2E
Read/Write
[7]
0*******
Test 1
Must be written to 1 for proper operation.
0x2F
Read
[6]
*0******
TMDS Sync
Detect
Detects a TMDS DE.
[5]
**0*****
TMDS Active
Detects a TMDS clock.
[3]
****0***
HDCP Keys Read
Returns 1 when read of EEPROM keys is successful.
[2:0]
*****000
DVI Quality
Returns quality number based on DE edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com