Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396/PCB Datasheet(PDF) 30 Page - Analog Devices

Part # AD9396/PCB
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396/PCB Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9396/PCB Datasheet HTML 26Page - Analog Devices AD9396/PCB Datasheet HTML 27Page - Analog Devices AD9396/PCB Datasheet HTML 28Page - Analog Devices AD9396/PCB Datasheet HTML 29Page - Analog Devices AD9396/PCB Datasheet HTML 30Page - Analog Devices AD9396/PCB Datasheet HTML 31Page - Analog Devices AD9396/PCB Datasheet HTML 32Page - Analog Devices AD9396/PCB Datasheet HTML 33Page - Analog Devices AD9396/PCB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
AD9396
Rev. 0 | Page 30 of 48
INPUT GAIN
0x05—Bits[7:0] Red Channel Gain
These bits control the programmable gain amplifier (PGA) of
the red channel. The AD9396 can accommodate input signals
with a full-scale range of between 0.5 V p-p and 1.0 V p-p.
Setting the red gain to 255 corresponds to an input range of
1.0 V. A red gain of 0 establishes an input range of 0.5 V. Note
that increasing red gain results in the picture having less
contrast (the input signal uses fewer of the available converter
codes). The power-up default is 0x80.
0x06—Bits[7:0] Green Channel Gain
These bits control the PGA of the green channel. The AD9396
can accommodate input signals with a full-scale range of
between 0.5 V p-p and 1.0 V p-p. Setting the green gain to
255 corresponds to an input range of 1.0 V. A green gain of
0 establishes an input range of 0.5 V. Note that increasing green
gain results in the picture having less contrast (the input signal
uses fewer of the available converter codes). The power-up
default is 0x80.
0x07—Bits[7:0] Blue Channel Gain
These bits control the PGA of the blue channel. The AD9396
can accommodate input signals with a full-scale range of
between 0.5 V and 1.0 V p-p. Setting the blue gain to 255
corresponds to an input range of 1.0 V. A blue gain of 0
establishes an input range of 0.5 V. Note that increasing blue
gain results in the picture having less contrast (the input signal
uses fewer of the available converter codes). The power-up
default is 0x80.
INPUT OFFSET
0x08—Bits[7:0] Red Channel Offset Adjust
If clamp feedback is enabled, the 8-bit offset adjust determines
the clamp code. The 8-bit offset adjust is a twos complement
number consisting of 1 sign bit plus 7 bits (0x7F = +127, 0x00 =
0, 0xFF = −1, and 0x80 = −128). For example, if the register is
programmed to 130d, then the output code is equal to 130d at
the end of the clamp period. Note that incrementing the offset
register setting by 1 LSB adds 1 LSB of offset, regardless of the
clamp feedback setting. The power-up default is 0.
0x09—Bits[7:0] Red Channel Offset
These eight bits are the red channel offset control. The offset
control shifts the analog input, resulting in a change in bright-
ness. Note that the function of the offset register depends on
whether clamp feedback is enabled (Register 0x1C, Bit 7 = 1).
If clamp feedback is disabled, the offset register bits control the
absolute offset added to the channel. The offset control provides
+127/−128 LSBs of adjustment range, with 1 LSB of offset
corresponding to 1 LSB of output code. If clamp feedback is
enabled these bits provide the relative offset (brightness) from
the offset adjust in the previous register. The power-up default
is 0x80.
0x0A—Bits[7:0] Green Channel Offset Adjust
If clamp feedback is enabled, the 8-bit offset adjust determines
the clamp code. The 8-bit offset adjust is a twos complement
number consisting of 1 sign bit plus 7 bits (0x7F = +127, 0x00 =
0, 0xFF = −1, and 0x80 = −128). For example, if the register is
programmed to 130d, then the output code is equal to 130d at
the end of the clamp period. Note that incrementing the offset
register setting by 1 LSB adds 1 LSB of offset, regardless of the
clamp feedback setting. The power-up default is 0.
0x0B—Bits[7:0] Green Channel Offset
These eight bits are the green channel offset control. The offset
control shifts the analog input, resulting in a change in bright-
ness. Note that the function of the offset register depends on
whether clamp feedback is enabled (Register 0x1C, Bit 7 = 1).
If clamp feedback is disabled, the offset register bits control the
absolute offset added to the channel. The offset control provides
an adjustment range of +127/−128 LSBs, with one LSB of offset
corresponding to 1 LSB of output code. If clamp feedback is
enabled, these bits provide the relative offset (brightness) from
the offset adjust in the previous register. The power-up default
is 0x80.
0x0C—Bits[7:0] Blue Channel Offset Adjust
If clamp feedback is enabled, the 8-bit offset adjust determines
the clamp code. The 8-bit offset adjust is a twos complement
number consisting of 1 sign bit plus 7 bits (0x7F = +127, 0x00 =
0, 0xFF = −1, and 0x80 = −128). For example, if the register is
programmed to 130d, then the output code is equal to 130d at
the end of the clamp period. Note that incrementing the offset
register setting by 1 LSB adds 1 LSB of offset, regardless of the
clamp feedback setting. The power-up default is 0.
0x0D—Bits[7:0] Blue Channel Offset
These eight bits are the blue channel offset control. The offset
control shifts the analog input, resulting in a change in bright-
ness. Note that the function of the offset register depends on
whether clamp feedback is enabled (Register 0x1C, Bit 7 = 1).
If clamp feedback is disabled, the offset register bits control the
absolute offset added to the channel. The offset control provides
an adjustment range of +127/−128 LSBs, with 1 LSB of offset
corresponding to 1 LSB of output code. If clamp feedback is
enabled, these bits provide the relative offset (brightness) from
the offset adjust in the previous register. The power-up default
is 0x80.
SYNC
0x0E—Bits[7:0] Sync Separator
Selects the maximum HSYNC pulse width for composite sync
separation. Power-down default is 0x20.
0x0F—Bits[7:2] SOG Comparator Threshold Enter
The enter level for the SOG slicer. Must be < the exit level
(Register 0x10). The power-up default is 0x10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com