Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396/PCB Datasheet(PDF) 14 Page - Analog Devices

Part # AD9396/PCB
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396/PCB Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9396/PCB Datasheet HTML 10Page - Analog Devices AD9396/PCB Datasheet HTML 11Page - Analog Devices AD9396/PCB Datasheet HTML 12Page - Analog Devices AD9396/PCB Datasheet HTML 13Page - Analog Devices AD9396/PCB Datasheet HTML 14Page - Analog Devices AD9396/PCB Datasheet HTML 15Page - Analog Devices AD9396/PCB Datasheet HTML 16Page - Analog Devices AD9396/PCB Datasheet HTML 17Page - Analog Devices AD9396/PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AD9396
Rev. 0 | Page 14 of 48
Power Management
The AD9396 uses the activity detect circuits, the active interface
bits in the serial bus, the active interface override bits, the
power-down bit, and the power-down pin to determine the
correct power state. There are four power states: full-power,
seek mode, auto power-down, and power-down.
Table 8 summarizes how the AD9396 determines the power
mode and the circuitry that is powered on/off in each of these
modes. The power-down command has priority and then the
automatic circuitry. The power-down pin (Pin 81—polarity set
by Register 0x26[3]) can drive the chip into four power-down
options. Bit 2 and Bit 1 of Register 0x26 control these four
options. Bit 0 controls whether the chip is powered down or the
outputs are placed in high impedance mode (with the exception
of SOG). Bit 7 to Bit 4 of Register 0x26 control whether the
outputs, SOG, Sony Philips digital interface (SPDIF ) or I2S (IIS
or Inter-IC sound bus) outputs are in high impedance mode or
not. See the 2-Wire Serial Control Register Detail section for
more detail.
Table 8. Power-Down Mode Descriptions
Inputs
Mode
Power-Down1
Sync Detect2
Auto PD Enable3
Power-On or Comments
Full Power
1
1
X
Everything
Seek Mode
1
0
0
Everything
Seek Mode
1
0
1
Serial bus, sync activity detect, SOG, band gap
reference
Power-Down
0
X
Serial bus, sync activity detect, SOG, band gap
reference
1 Power-down is controlled via Bit 0 in Serial Bus Register 0x26.
2 Sync detect is determined by OR’ing Bit 7 to Bit 2 in Serial Bus Register 0x15.
3 Auto power-down is controlled via Bit 7 in Serial Bus Register 0x27.
Table 9. Recommended VCO Range and Charge Pump Current Settings for Standard Display Formats
Standard
Resolution
Refresh Rate
(Hz)
Horizontal
Frequency (kHz)
Pixel Rate (MHz)
VCO Range1
Current1
VGA
640 × 480
60
31.5
25.175
00
101
72
37.7
31.500
01
011
75
37.5
31.500
01
100
85
43.3
36.000
01
100
SVGA
800 × 600
56
35.1
36.000
01
100
60
37.9
40.000
01
101
72
48.1
50.000
01
110
75
46.9
49.500
01
110
85
53.7
56.250
01
110
XGA
1024 × 768
60
48.4
65.000
10
011
70
56.5
75.000
10
100
75
60.0
78.750
10
100
80
64.0
85.500
10
101
85
68.3
94.500
10
110
SXGA
1280 × 1024
60
64.0
108.000
10
110
1280 × 1024
75
80.0
135.000
11
110
TV
480i
60
15.75
13.51
00
010
480p
60
31.47
27
00
101
720p
60
45
74.25
10
100
1035i
60
33.75
74.25
10
100
1080i
60
33.75
74.25
10
100
1080p
60
67.5
148.5
11
110
1 These are preliminary recommendations for the analog PLL and are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com