Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396/PCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9396/PCB
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396/PCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9396/PCB Datasheet HTML 31Page - Analog Devices AD9396/PCB Datasheet HTML 32Page - Analog Devices AD9396/PCB Datasheet HTML 33Page - Analog Devices AD9396/PCB Datasheet HTML 34Page - Analog Devices AD9396/PCB Datasheet HTML 35Page - Analog Devices AD9396/PCB Datasheet HTML 36Page - Analog Devices AD9396/PCB Datasheet HTML 37Page - Analog Devices AD9396/PCB Datasheet HTML 38Page - Analog Devices AD9396/PCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
AD9396
Rev. 0 | Page 35 of 48
0x25—Bits[5:4] Output Drive Strength
These two bits select the drive strength for all the high speed
digital outputs (except VSOUT, A0, and the O/E Field). Higher
drive strength results in faster rise times/fall times and makes it
easier to capture data. Lower drive strength results in slower
rise/fall times and helps to reduce EMI and digitally generated
power supply noise. The power-up default setting is 11.
Table 17. Output Drive Strength
Output Drive
Result
00
Low output drive strength
01
Medium low output drive strength
10
Medium high output drive strength
11
High output drive strength
0x25—Bits[3:2] Output Mode
These bits choose between four options for the output mode,
one of which is exclusive to an HDMI input. 4:4:4 mode is
standard RGB; 4:2:2 mode is YCrCb, which reduces the number
of active output pins from 24 to 16; 4:4:4 is the double data rate
(DDR) output mode; and the data is RGB mode, but changes on
every clock edge. The power-up default setting is 00.
Table 18. Output Mode
Output
Mode
Result
00
4:4:4 RGB mode
01
4:2:2 YCrCb mode + DDR 4:2:2 on blue (secondary)
10
DDR 4:4:4: DDR mode + DDR 4:2:2 on blue
(secondary)
0x25—Bit[1] Primary Output Enable
This bit places the primary output in active or high impedance
mode. The primary output is designated when using either 4:2:2
or DDR 4:4:4. In these modes, the data on the red and green
output channels is the primary output, while the output data on
the blue channel (DDR YCrCb) is the secondary output. 0 =
primary output is in high impedance mode. 1 = primary output
is enabled. The power-up default setting is 1.
0x25—Bit[0] Secondary Output Enable
This bit places the secondary output in active or high
impedance mode. The secondary output is designated when
using either 4:2:2 or DDR 4:4:4. In these modes the data on the
blue output channel is the secondary output, while the output
data on the red and green channels is the primary output.
Secondary output is always a DDR YCrCb data mode. 0 =
secondary output is in high impedance mode. 1 = secondary
output is enabled. The power-up default setting is 0.
0x26—Bit[7] Output Three-State
When enabled, this bit puts all outputs (except SOGOUT) in a
high impedance state. 0 = normal outputs. 1 = all outputs
(except SOGOUT) in high impedance mode. The power-up
default setting is 0.
0x26—Bit[6] SOG Three-State
When enabled, this bit allows the SOGOUT pin to be placed in
a high impedance state. 0 = normal SOG output. 1 = SOGOUT
pin is in high impedance mode. The power-up default setting
is 0.
0x26—Bit[3] Power-Down Polarity
This bit defines the polarity of the input power-down pin.
0 = power-down pin is active low. 1 = power-down pin is active
high. The power-up default setting is 1.
0x26—Bits[2:1] Power-Down Pin Function
These bits define the different operational modes of the power-
down pin. These bits are functional only when the power-down
pin is active; when it is not active, the part is powered up and
functioning. The power-up default setting is 00.
Table 19. Power Down Pin Function
Function
Result
00
The chip is powered down and all outputs except
SOGOUT are in high impedance mode.
01
The chip is powered down and all outputs are in
high impedance mode.
10
The chip remains powered up, but all outputs
except SOGOUT are in high impedance mode.
11
The chip remains powered up, but all outputs are
in high impedance mode.
0x26—Bit[0] Power-Down
This bit is used to put the chip in power-down mode. In this
mode, the power dissipation is reduced to a fraction of the
typical power (see Table 1 for exact power dissipation). When in
power-down, the HSOUT, VSOUT, DATACK, and all 30 data
outputs are put into a high impedance state. Note that the
SOGOUT output is not put into high impedance. Circuit blocks
that continue to be active during power-down include the
voltage references, sync processing, sync detection, and the
serial register. These blocks facilitate a fast start-up from power-
down. 0 = normal operation. 1 = power-down. The power-up
default setting is 0.
0x27—Bit[7] Auto Power-Down Enable
This bit enables the chip to go into low power mode, or seek
mode if no sync inputs are detected. 0 = auto power-down
disabled. 1 = chip powers down if no sync inputs present. The
power-up default setting is 1.
0x27—Bit[6] HDCP A0 Address
This bit sets the LSB of the address of the HDCP I2C. This
should be set to 1 only for a second receiver in a dual-link
configuration. The power-up default is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com