Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9396/PCB
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9396/PCB Datasheet HTML 3Page - Analog Devices AD9396/PCB Datasheet HTML 4Page - Analog Devices AD9396/PCB Datasheet HTML 5Page - Analog Devices AD9396/PCB Datasheet HTML 6Page - Analog Devices AD9396/PCB Datasheet HTML 7Page - Analog Devices AD9396/PCB Datasheet HTML 8Page - Analog Devices AD9396/PCB Datasheet HTML 9Page - Analog Devices AD9396/PCB Datasheet HTML 10Page - Analog Devices AD9396/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
AD9396
Rev. 0 | Page 7 of 48
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
GREEN 7
3
GREEN 6
4
GREEN 5
7
GREEN 2
6
GREEN 3
5
GREEN 4
1
GND
8
GREEN 1
9
GREEN 0
10
VDD
12
BLUE 7
13
BLUE 6
14
BLUE 5
15
BLUE 4
16
BLUE 3
17
BLUE 2
18
BLUE 1
19
BLUE 0
20
NC
NC = NO CONNECT
21
NC
22
NC
23
NC
24
CTL3
25
CTL2
11
GND
74
GAIN0
GND
73
SOGIN 0
72
VD
69
GND
70
SOGIN 1
71
GAIN1
75
68
BAIN0
67
VD
66
BAIN1
64
HSYNC 0
63
HSYNC 1
62
EXTCLK/COAST
61
VSYNC 0
60
VSYNC 1
59
PVDD
58
PGND
57
FILT
56
PVDD
55
PGND
54
PVDD
53
GND
52
MDA
51
MCL
65
GND
PIN 1
AD9396
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 5. Complete Pinout List
Pin Type
Pin No.
Mnemonic
Function
Value
INPUTS
79
RAIN0
Analog Input for Converter R Channel 0
0.0 V to 1.0 V
77
RAIN1
Analog Input for Converter R Channel 1
0.0 V to 1.0 V
74
GAIN0
Analog Input for Converter G Channel 0
0.0 V to 1.0 V
71
GAIN1
Analog Input for Converter G Channel 1
0.0 V to 1.0 V
68
B
B
AIN0
Analog Input for Converter B Channel 0
0.0 V to 1.0 V
66
B
B
AIN1
Analog Input for Converter B Channel 1
0.0 V to 1.0 V
64
HSYNC 0
Horizontal SYNC Input for Channel 0
3.3 V CMOS
63
HSYNC 1
Horizontal SYNC Input for Channel 1
3.3 V CMOS
61
VSYNC 0
Vertical SYNC Input for Channel 0
3.3 V CMOS
60
VSYNC 1
Vertical SYNC Input for Channel 1
3.3 V CMOS
73
SOGIN 0
Input for Sync-on-Green Channel 0
0.0 V to 1.0 V
70
SOGIN 1
Input for Sync-on-Green Channel 1
0.0 V to 1.0 V
62
EXTCLK
External Clock Input—Shares Pin with COAST
3.3 V CMOS
62
COAST
PLL COAST Signal Input—Shares Pin with EXTCLK
3.3 V CMOS
81
PWRDN
Power-Down Control
3.3 V CMOS
OUTPUTS
92 to 99
RED [7:0]
Outputs of Red Converter, Bit 7 is MSB
VDD
2 to 9
GREEN [7:0]
Outputs of Green Converter, Bit 7 is MSB
VDD
12 to 19
BLUE [7:0]
Outputs of Blue Converter, Bit 7 is MSB
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com