Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9396/PCB Datasheet(PDF) 36 Page - Analog Devices

Part # AD9396/PCB
Description  Analog/DVI Dual-Display Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9396/PCB Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9396/PCB Datasheet HTML 32Page - Analog Devices AD9396/PCB Datasheet HTML 33Page - Analog Devices AD9396/PCB Datasheet HTML 34Page - Analog Devices AD9396/PCB Datasheet HTML 35Page - Analog Devices AD9396/PCB Datasheet HTML 36Page - Analog Devices AD9396/PCB Datasheet HTML 37Page - Analog Devices AD9396/PCB Datasheet HTML 38Page - Analog Devices AD9396/PCB Datasheet HTML 39Page - Analog Devices AD9396/PCB Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AD9396
Rev. 0 | Page 36 of 48
BT656 GENERATION
0x27—Bit[4] BT656 Enable
This bit enables the output to be BT656-compatible with
defined start of active video (SAV) and end of active video
(EAV) controls to be inserted. These require specification of the
number of active lines, active pixels per line, and delays to place
these markers. 0 = disable BT656 video mode. 1 = enable BT656
video mode. The power-up default setting is 0.
0x27—Bit[3] Force DE Generation
This bit allows the use of the internal DE generator in DVI
mode. 0 = internal DE generation disabled. 1 = force DE
generation via programmed registers. The power-up default
setting is 0.
0x27—Bits[2:0] Interlace Offset
These bits define the offset in HSYNCs from Field 0 to Field 1.
The power-up default setting is 000.
0x28—Bits[7:2] VSYNC Delay
These bits set the delay (in lines) from the leading edge of
VSYNC to active video. The power-up default setting is 24.
0x28—Bits[1:0] HSYNC Delay MSBs
These 2 bits along with the following 8 bits set the delay (in
pixels) from the HSYNC leading edge to the start of active
video. The power-up default setting is 0x104.
0x29—Bits[7:0] HSYNC Delay LSBs
See the HSYNC Delay MSBs section.
0x2A—Bits[3:0] Line Width MSBs
These 4 bits along with the following 8 bits set the width of the
active video line (in pixels). The power-up default setting is
0x500.
0x2B—Bits[7:0] Line Width LSBs
See the line width MSBs section.
0x2C—Bits[3:0] Screen Height MSBs
Along with the 8 bits following these 12 bits, set the height of
the active screen (in lines). The power-up default setting is
0x2D0.
0x2D—Bits[7:0] Screen Height LSBs
See the Screen Height MSBs section.
0x2F—Bit[6] TMDS Sync Detect
This read-only bit indicates the presence of a TMDS DE. 0 = no
TMDS DE present. 1 = TMDS DE detected.
0x2F—Bit[5] TMDS Active
This read-only bit indicates the presence of a TMDS clock. 0 =
no TMDS clock present. 1 = TMDS clock detected.
0x2F—Bit[4] AV Mute
This read-only bit indicates the presence of AV mute based on
general control packets. 0 = AV not muted. 1 = AV muted.
0x2F—Bit[3] HDCP Keys Read
This read-only bit reports if the HDCP keys were read
successfully. 0 = failure to read HDCP keys. 1 = HDCP keys
read.
0x2F—Bits[2:0] DV I Quality
These read-only bits indicate a level of DVI quality based on the
DE (display enable) edges. A larger number indicates a higher
quality.
0x30—Bit[5] DVI HSYNC Polarity
This read-only bit indicates the polarity of the DVI HSYNC.
0 = DVI HSYNC polarity is low active. 1 = DVI HSYNC
polarity is high active
0x30—Bit[4] DVI VSYNC Polarity
This read-only bit indicates the polarity of the DVI VSYNC.
0 = DVI VSYNC polarity is low active. 1 = DVI VSYNC polarity
is high active.
MACROVISION
0x31—Bits[7:4] Macrovision Pulse Max
These bits set the pseudo sync pulse width maximum for
Macrovision detection in pixel clocks. This is functional for
13.5 MHz SDTV or 27 MHz progressive scan. Power-up
default is 9.
0x31—Bits[3:0] Macrovision Pulse Min
These bits set the pseudo sync pulse width maximum for
Macrovision detection in pixel clocks. This is functional for
13.5 MHz SDTV or 27 MHz progressive scan. Power-up
default is 6.
0x32—Bit[7] Macrovision Oversample Enable
Tells the Macrovision detection engine whether oversampling
is used. This accommodates 27 MHz sampling for SDTV and
54 MHz sampling for progressive scan and is used as a
correction factor for clock counts. Power-up default is 0.
0x32—Bit[6] Macrovision PAL Enable
Tells the Macrovision detection engine to enter PAL mode when
set to 1. Default is 0 for NTSC mode.
0x32—Bits[5:0] Macrovision Line Count Start
Set the start line for Macrovision detection. Along with Register
0x33, Bits [5:0] they define the region where MV pulses are
expected to occur. The power-up default is Line 13.
0x33—Bit[7] Macrovision Detect Mode
0 = standard definition. 1 = progressive scan mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com