Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9923ABBCZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9923ABBCZ
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 33Page - Analog Devices AD9923ABBCZ Datasheet HTML 34Page - Analog Devices AD9923ABBCZ Datasheet HTML 35Page - Analog Devices AD9923ABBCZ Datasheet HTML 36Page - Analog Devices AD9923ABBCZ Datasheet HTML 37Page - Analog Devices AD9923ABBCZ Datasheet HTML 38Page - Analog Devices AD9923ABBCZ Datasheet HTML 39Page - Analog Devices AD9923ABBCZ Datasheet HTML 40Page - Analog Devices AD9923ABBCZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
AD9923A
Rev. 0 | Page 37 of 88
Vertical Sensor Gate (Shift Gate) Patterns
In an interline CCD, the vertical sensor gates (VSG) are used to
transfer the pixel charges from the light sensitive image area
into the light shielded vertical registers. From the light shielded
vertical registers, the image is then read line-by-line using the
XV1 to XV13 vertical transfer pulses in conjunction with the
high speed horizontal clocks.
Table 19 summarizes the VSG pattern registers. The AD9923A
has eight VSG outputs, VSG1 to VSG8. Each output can be
assigned to one of eight programmed patterns by using the
SGPATSEL register. Each pattern is generated in a similar
manner as the V-pattern groups, with a programmable start
polarity (SGPOL), first toggle position (SGTOG1), and second
toggle position (SGTOG2). The active line where the VSG1 to
VSG8 pulses occur is programmable using the SGACTLINE1
and SGACTLINE2 registers. Additionally, any of the VSG1 to
VSG8 pulses can be individually disabled using the SGMASK
register. The individual masking allows all SG patterns to be
preprogrammed, and the appropriate pulses for each field can
be separately enabled. For maximum flexibility, the SGPATSEL,
SGMASK, and SGACTLINE registers are separately programmable
for each field. More detail is given in the Complete Field:
Combining V-Sequences section.
Additionally, there is the SGMASK_BYP register (Address 0x59)
that overrides SG masking in the field registers. The SGMASK_BYP
register allows sensor gate masking to be changed without
modifying the field register values. The SGMASK_BYP register
is SCK updated; therefore, the new SG-masking values update
immediately.
Table 19. VSG Pattern Registers1
Register
Length
(Bits)
Range
Description
SGPOL
1
High/low
Sensor gate starting polarity for SG patterns 0 to 7.
SGTOG1
13
0 to 8191 pixel
location
First toggle position for SG patterns 0 to 7.
SGTOG2
13
0 to 8191 pixel
location
Second toggle position for SG patterns 0 to 7.
SGMASK_BYP
8
High/low for
each VSG
SGMASK Bypass. This register overrides the SGMASK values in each field register. One bit
for each output, where Bit[0] is for VSG1 output and Bit 7 is for VSG8 output.
0 = active.
1 = mask output.
SGMASK_BYP_EN
1
0 or 1
1: enables SGMASK bypass.
1 See field registers in Table 16.
VD
HD
PROGRAMMABLE SETTINGS FOR EACH PATTERN:
1START POLARITY OF PULSE.
2FIRST TOGGLE POSITION.
3SECOND TOGGLE POSITION.
4ACTIVE LINE FOR VSG PULSES WITHIN THE FIELD (PROGRAMMABLE IN THE FIELD REGISTER, NOT FOR EACH PATTERN).
VSG PATTERNS
4
12
3
Figure 50. Vertical Sensor Gate Pulse Placement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com