Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9923ABBCZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9923ABBCZ
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 41Page - Analog Devices AD9923ABBCZ Datasheet HTML 42Page - Analog Devices AD9923ABBCZ Datasheet HTML 43Page - Analog Devices AD9923ABBCZ Datasheet HTML 44Page - Analog Devices AD9923ABBCZ Datasheet HTML 45Page - Analog Devices AD9923ABBCZ Datasheet HTML 46Page - Analog Devices AD9923ABBCZ Datasheet HTML 47Page - Analog Devices AD9923ABBCZ Datasheet HTML 48Page - Analog Devices AD9923ABBCZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 88 page
background image
AD9923A
Rev. 0 | Page 45 of 88
XV7
V7B
VSG8
VH
VM
VL
Figure 61. XV7, VSG8, and V7B Output Polarities
XV2, XV4, XV6, XV8
XV9, XV10, XV13
VM
V2, V4, V6, V8
V9, V10, V13
VL
Figure 62. XV2, XV4, XV6, XV8, XV9, XV10, XV13 and V2, V4, V6, V8, V9, V10, V13 Output Polarities
XSUBCNT
SUBCK
XSUBCK
VH
VMM
VLL
Figure 63. XSUBCNT, XSUBCK, and SUBCK Output Polarities
SHUTTER TIMING CONTROL
The CCD image exposure time is controlled by the substrate clock
signal (SUBCK) that pulses the CCD substrate to clear out
accumulated charge. The AD9923A supports three types of
electronic shuttering: normal, high precision, and low speed.
Together with the SUBCK pulse placement, the AD9923A can
accommodate different readout configurations to further
suppress the SUBCK pulses during multiple field readouts. The
AD9923A also provides programmable outputs to control an
external mechanical shutter (MSHUT), strobe/flash (STROBE),
and CCD bias select signal (VSUB). Up to four general shutter
pulses (SHUT0 to SHUT3) and two VSUB pulses (VSUB0 and
VSUB1) can be programmed and assigned to any of the three
shutter output pins. The user can also combine the following
shutter and VSUB pulses with a logic XOR operation (symbolized
by ^) to generate more complex timing (up to four toggle posi-
tions per line) for MSHUT, STROBE and VSUB: SHUT0 ^ VSUB0,
SHUT0 ^ VSUB1, SHUT0 ^ SHUT1, and SHUT0 ^ SHUT2.
SUBCK: Three-Level Output
The AD9923A supports a three-level output from the SUBCK
buffer: VH, VMM, and VLL. The VH power supply is shared
with the V-driver outputs, but VMM and VLL are dedicated
mid and low supplies for the SUBCK buffer. There are two in-
puts to the SUBCK buffer, XSUBCK and XSUBCNT. XSUBCNT
is created by an internal multiplexer that selects from XV1 to
XV13, VSG1 to VSG8, MSHUT, STROBE, VSUB, SHUT0 to
SHUT3, FG_TRIG, high and low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com