Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9923ABBCZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9923ABBCZ
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 23Page - Analog Devices AD9923ABBCZ Datasheet HTML 24Page - Analog Devices AD9923ABBCZ Datasheet HTML 25Page - Analog Devices AD9923ABBCZ Datasheet HTML 26Page - Analog Devices AD9923ABBCZ Datasheet HTML 27Page - Analog Devices AD9923ABBCZ Datasheet HTML 28Page - Analog Devices AD9923ABBCZ Datasheet HTML 29Page - Analog Devices AD9923ABBCZ Datasheet HTML 30Page - Analog Devices AD9923ABBCZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
AD9923A
Rev. 0 | Page 27 of 88
Vertical Sequences (VSEQ)
A vertical sequence (VSEQ) is created by selecting one of the
V-pattern groups and adding repeats, a start position, and
horizontal clamping and blanking information. Each VSEQ is
programmed using the registers shown in Table 15. Figure 37
shows how each register is used to generate a V-sequence.
The VPATSELA and VPATSELB registers select the V-pattern
group that is used in a given V-sequence. Having two groups
available allows each vertical output to be mapped to a different
V-pattern group. The selected V-pattern group can have
repetitions added for high speed line shifts or line binning by
using the VREP registers for odd and even lines. Generally, the
same number of repetitions is programmed into both registers.
If a different number of repetitions is required on odd and even
lines, separate values can be used for each register (see the
Generating Line Alternation for V-Sequences and HBLK
section). The VSTARTA and VSTARTB registers specify the pixel
location where the V-pattern group starts. The VMASK register is
used in conjunction with the FREEZE/RESUME registers to enable
optional masking of the XV outputs. Either or both of the
FREEZE1/RESUME1 and FREEZE2/RESUME2 registers can be
enabled.
The line length (in pixels) is programmable using the HDLEN
registers. Each V-sequence can have a different line length to
accommodate various image readout techniques. The maximum
number of pixels per line is 8192. Note that the last line of the
field can be programmed separately using the HDLAST register,
located in the field register (see Table 16).
VREP 3
HD
XV1 TO XV13
PROGRAMMABLE SETTINGS FOR EACH VERTICAL SEQUENCE:
1START POSITION IN THE LINE OF SELECTED V-PATTERN GROUP.
2HD LINE LENGTH.
3V-PATTERN SELECT (VPATSEL) TO SELECT ANY V-PATTERN GROUP.
4NUMBER OF REPETITIONS OF THE V-PATTERN GROUP (IF NEEDED).
5START POLARITY AND TOGGLE POSITIONS FOR CLPOB AND PBLK SIGNALS.
6MASKING POLARITY AND TOGGLE POSITIONS FOR HBLK SIGNAL.
V-PATTERN GROUP
1
3
CLPOB
PBLK
HBLK
2
44
VREP 2
5
6
Figure 37. V-Sequence Programmability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com