Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9923ABBCZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9923ABBCZ
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 10Page - Analog Devices AD9923ABBCZ Datasheet HTML 11Page - Analog Devices AD9923ABBCZ Datasheet HTML 12Page - Analog Devices AD9923ABBCZ Datasheet HTML 13Page - Analog Devices AD9923ABBCZ Datasheet HTML 14Page - Analog Devices AD9923ABBCZ Datasheet HTML 15Page - Analog Devices AD9923ABBCZ Datasheet HTML 16Page - Analog Devices AD9923ABBCZ Datasheet HTML 17Page - Analog Devices AD9923ABBCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
AD9923A
Rev. 0 | Page 14 of 88
PRECISION TIMING
HIGH SPEED TIMING GENERATION
The AD9923A generates high speed timing signals using the
flexible Precision Timing core. This core is the foundation for
generating the timing used for both the CCD and the AFE. It
consists of the reset gate (RG), horizontal drivers (H1 to H4 and
HL), and sample clocks (SHP and SHD). A unique architecture
makes it routine for the system designer to optimize image
quality by providing precise control over the horizontal CCD
readout and the AFE-correlated double sampling.
The high speed timing of the AD9923A operates the same in
master and slave modes. For more information on synchroniza-
tion and pipeline delays, see the Power-Up and Synchronization
in Slave Mode section.
Timing Resolution
The Precision Timing core uses a 1× master clock input (CLI) as
a reference. The frequency of this clock should match the CCD
pixel clock frequency. Figure 17 illustrates how the internal
timing core divides the master clock period into 48 steps, or
edge positions. Using a 36 MHz CLI frequency, the edge
resolution of the Precision Timing core is approximately 0.6 ns.
If a 1× system clock is not available, a 2× reference clock can be
used by programming the CLIDIVIDE register (Address 0x30).
The AD9923A then internally divides the CLI frequency by 2.
The AD9923A includes a master clock output (CLO) which is
the inverse of CLI. This output is intended to be used as a
crystal driver. A crystal can be placed between the CLI and
CLO pins to generate the master clock for the AD9923A. For
more information on using a crystal, see Figure 80.
High Speed Clock Programmability
Figure 18 shows how the RG, HL, H1 to H4, SHP, and SHD
high speed clocks are generated. The RG pulse has programmable
rising and falling edges and can be inverted using the polarity
control. The HL, H1, and H3 horizontal clocks have program-
mable rising and falling edges and polarity control. The H2 and
H4 clocks are inverses of the H1 and H3 clocks, respectively.
Table 9 summarizes the high speed timing registers and their
parameters. Figure 19 shows the typical 2-phase, H-clock
operation, in which H3 and H4 are programmed for the same
edge location as H1 and H2.
The edge location registers are six bits wide, but there are only
48 valid edge locations available. Therefore, the register values
are mapped into four quadrants, each of which contains 12 edge
locations. Table 10 shows the correct register values for the
corresponding edge locations. Figure 20 shows the default
timing locations for high speed clock signals.
H-Driver and RG Outputs
In addition to the programmable timing positions, the
AD9923A features on-chip output drivers for the RG and H1 to
H4 outputs. These drivers are powerful enough to directly drive
the CCD inputs. The H-driver and RG current can be adjusted for
optimum rise/fall times in a particular load by using the H1 to
H4, HL, and RGDRV registers (Address 0x36). The 3-bit drive
setting for each output can be adjusted in 4.1 mA increments,
with the minimum setting of 0 equal to 0 mA or three-state, and
the maximum setting of 7 equal to 30.1 mA.
As shown in Figure 18, Figure 19, and Figure 20, the H2 and H4
outputs are inverses of H1 and H3 outputs, respectively. The
H1/H2 crossover voltage is approximately 50% of the output
swing. The crossover voltage is not programmable.
Digital Data Outputs
The AD9923A data output and DCLK phase are programmable
using the DOUTPHASE register (Address 0x38, Bits[5:0]). Any
edge from 0 to 47 can be programmed, as shown in Figure 21.
Normally, the DOUT and DCLK signals track in phase, based
on the DOUTPHASE register contents. The DCLK output
phase can also be held fixed with respect to the data outputs by
setting the DCLKMODE register to high (Address 0x38, Bit[8]).
In this mode, the DCLK output remains at a fixed phase equal
to a delayed version of CLI, and the data output phase remains
programmable. For more detail, see the Analog Front End
Description/Operation section.
There is a fixed output delay from the DCLK rising edge to the
DOUT transition, called tOD. This delay can be programmed to
four values between 0 ns and 12 ns, using the DOUTDELAY
register (Address 0x38, Bits[10:9]). The default value is 8 ns.
The pipeline delay through the AD9923A is shown in Figure 22.
After the CCD input is sampled by SHD, there is a 16-cycle
delay before the data is available.
Table 9. Timing Core Register Parameters for HL, H1 to H4, RG, SHP/SHD
Parameter
Length
(Bits)
Range
Description
Polarity
1
High/low
Polarity control for HL, H1, H3, and RG (0 = no inversion, 1 = inversion)
Positive Edge
6
0 to 47 edge location
Positive edge location for HL, H1, H3, and RG (H2/H4 are inverses of H1/H3, respectively)
Negative Edge
6
0 to 47 edge location
Negative edge location for HL, H1, H3, and RG (H2/H4 are inverses of H1/H3, respectively)
Sampling
Location
6
0 to 47 edge location
Sampling location for internal SHP and SHD signals
Drive Strength
3
0 to 7 current steps
Drive current for HL, H1 to H4, and RG outputs (4.1 mA per step)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com