Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9923ABBCZ Datasheet(PDF) 75 Page - Analog Devices

Part # AD9923ABBCZ
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Datasheet(HTML) 75 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 71Page - Analog Devices AD9923ABBCZ Datasheet HTML 72Page - Analog Devices AD9923ABBCZ Datasheet HTML 73Page - Analog Devices AD9923ABBCZ Datasheet HTML 74Page - Analog Devices AD9923ABBCZ Datasheet HTML 75Page - Analog Devices AD9923ABBCZ Datasheet HTML 76Page - Analog Devices AD9923ABBCZ Datasheet HTML 77Page - Analog Devices AD9923ABBCZ Datasheet HTML 78Page - Analog Devices AD9923ABBCZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
AD9923A
Rev. 0 | Page 75 of 88
Table 51. Shutter Control Registers
Address
(Hex)
Data
Bits
Default
Value
Update
Type
Name
Description
60
[2:0]
0
VD
VSUB_CTRL
Selects which internal signal is used for the VSUB output pin.
0: use SHUT0 parameters (Register 0x06D to Register 0x071).
1: use SHUT1 parameters (Register 0x072 to Register 0x076).
2: use SHUT2 parameters (Register 0x077 to Register 0x07B).
3: use SHUT3 parameters (Register 0x07C to Register 0x080).
4: use VSUB0_MUX output.
5: use VSUB1_MUX output.
6: invalid setting.
7: use SHUT1_SHUT2_MUX output.
See Register 0xEB, Bits[15,13:12] for VSUB0_MUX, VSUB1_MUX,
and SHUT1_SHUT2_MUX.
[5:3]
1
MSHUT_CTRL
Selects which internal signal is used for the MSHUT output pin.
0: use SHUT0 parameters.
1: use SHUT1 parameters.
2: use SHUT2 parameters.
3: use SHUT3 parameters.
4: use VSUB0_MUX output.
5: use VSUB1_MUX output.
6: invalid setting.
7: use SHUT1_SHUT2_MUX output.
See Register 0xEB, Bits[15,13:12] for VSUB0_MUX, VSUB1_MUX, and
SHUT1_SHUT2_MUX.
[8:6]
2
STROBE_CTRL
Selects which internal signal is used for the STROBE output pin.
0: use SHUT0 parameters.
1: use SHUT1 parameters.
2: use SHUT2 parameters.
3: use SHUT3 parameters.
4: use VSUB0_MUX output.
5: use VSUB1_MUX output.
6: invalid setting.
7: use SHUT1_SHUT2_MUX output.
See Register 0xEB, Bits[15,13:12] for VSUB0_MUX, VSUB1_MUX, and
SHUT1_SHUT2_MUX.
[11:9]
3
TESTO_CTRL
Selects which internal signal is used for the TESTO signal.
0: use SHUT0 parameters.
1: use SHUT1 parameters.
2: use SHUT2 parameters.
3: use SHUT3 parameters.
4: use VSUB0_MUX output.
5: use VSUB1_MUX output.
6: invalid setting.
7: use SHUT1_SHUT2_MUX output.
See Register 0xEB, Bits[15,13:12] for VSUB0_MUX, VSUB1_MUX, and
SHUT1_SHUT2_MUX.
61
[7:0]
0
VD
TRIGGER
Trigger for exposure/readout operation. Set bits high to trigger.
[0]: SHUT0.
[1]: SHUT1.
[2]: SHUT2.
[3]: SHUT3.
[4]: VSUB0.
[5]: VSUB1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com