Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9923ABBCZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9923ABBCZ
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 21Page - Analog Devices AD9923ABBCZ Datasheet HTML 22Page - Analog Devices AD9923ABBCZ Datasheet HTML 23Page - Analog Devices AD9923ABBCZ Datasheet HTML 24Page - Analog Devices AD9923ABBCZ Datasheet HTML 25Page - Analog Devices AD9923ABBCZ Datasheet HTML 26Page - Analog Devices AD9923ABBCZ Datasheet HTML 27Page - Analog Devices AD9923ABBCZ Datasheet HTML 28Page - Analog Devices AD9923ABBCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
AD9923A
Rev. 0 | Page 25 of 88
VERTICAL TIMING GENERATION
The AD9923A provides a very flexible solution for generating
vertical CCD timing; it can support multiple CCDs and different
system architectures. The 13-phase vertical transfer clocks, XV1 to
XV13, are used to shift lines of pixels into the horizontal output
register of the CCD. The AD9923A allows these outputs to be
individually programmed into various readout configurations,
using a four-step process as shown in Figure 35.
1.
Use the vertical pattern group registers to create the individual
pulse patterns for XV1 to XV13.
2.
Use the V-pattern groups to build the sequences and add more
information.
3.
Construct the readout for an entire field by dividing the field
into regions and assigning a sequence to each region. Each
field can contain up to nine regions to accommodate different
steps, such as high speed line shifts and unique vertical line
transfers, of the readout. The total number of V-patterns,
V-sequences, and fields are programmable and limited by the
number of registers. High speed line shifts and unique vertical
transfers are examples of the different steps required for
readout.
4.
Use the MODE register to combine fields in any order for
various readout configurations.
CREATE THE VERTICAL PATTERN GROUPS,
UP TO FOUR TOGGLE POSITIONS FOR EACH OUTPUT.
XV1
XV2
XV11
XV12
XV1
XV2
XV3
XV3
XV11
XV12
VPAT 0
VPAT 1
1
USE THE MODE REGISTER TO CONTROL WHICH FIELDS
ARE USED, AND IN WHAT ORDER (MAXIMUM OF SEVEN
FIELDS MAY BE COMBINED IN ANY ORDER).
FIELD 3
FIELD 4
FIELD 0
FIELD 1
FIELD 2
FIELD 5
FIELD 1
FIELD 4
FIELD 2
4
BUILD THE V-SEQUENCES BY ADDING START POLARITY,
LINE START POSITION, NUMBER OF REPEATS, ALTERNATION,
GROUP A/B INFORMATION, AND HBLK/CLPOB PULSES.
V-SEQUENCE 0
(VPAT0, 1 REP)
V-SEQUENCE 1
(VPAT1, 2 REP)
V-SEQUENCE 2
(VPAT1, N REP)
XV1
XV2
XV11
XV12
XV3
XV1
XV2
XV11
XV12
XV3
XV1
XV2
XV11
XV12
XV3
2
FIELD 0
FIELD 1
FIELD 2
REGION 0: USE V-SEQUENCE 2
REGION 1: USE V-SEQUENCE 0
REGION 3: USE V-SEQUENCE 0
REGION 4: USE V-SEQUENCE 2
REGION 2: USE V-SEQUENCE 3
3 BUILD EACH FIELD BY DIVIDING IT INTO DIFFERENT
REGIONS AND ASSIGNING A V-SEQUENCE TO EACH
(MAXIMUM OF NINE REGIONS IN EACH FIELD).
Figure 35. Summary of Vertical Timing Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com