Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9923ABBCZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9923ABBCZ
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 46Page - Analog Devices AD9923ABBCZ Datasheet HTML 47Page - Analog Devices AD9923ABBCZ Datasheet HTML 48Page - Analog Devices AD9923ABBCZ Datasheet HTML 49Page - Analog Devices AD9923ABBCZ Datasheet HTML 50Page - Analog Devices AD9923ABBCZ Datasheet HTML 51Page - Analog Devices AD9923ABBCZ Datasheet HTML 52Page - Analog Devices AD9923ABBCZ Datasheet HTML 53Page - Analog Devices AD9923ABBCZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
AD9923A
Rev. 0 | Page 50 of 88
SHUT Signal Operation
SHUT signal operation is shown in Figure 68 through Figure 71.
Table 39 shows the register parameters for controlling the
SHUT signals. There are three different ways to use the SHUT
signals: automatic trigger, single trigger, and manual control.
Automatic Trigger
Generally, SHUT signals are triggered together with an expo-
sure or readout operation, using the TRIGGER register. The
SHUT_ON and SHUT_OFF positions are fully programmable
to anywhere within the exposure period, using the field
(SHUT_ON_FD/SHUT_OFF_FD), line
(SHUT_ON_LN/SHUT_OFF_LN), and pixel
(SHUT_ON_PX/SHUT_OFF_PX) registers.
The field registers define the field in which the line and pixel
values are used, with respect to the value of the exposure counter.
The on and off positions can occur as soon as the field contains
the last SUBCK (Exposure Field 0), or as late as the final exposure
field before the readout begins. Separate field registers allow the
on and off positions to occur in different exposure fields.
Single Trigger
SHUT signals can be triggered without triggering an exposure
or readout operation. In this case, SHUT signals are triggered
using the TRIGGER register, but the exposure bit is not triggered.
Both the SHUT on and off positions occur in the next field, and
the SHUT_ON_FD/SHUT_OFF_FD register values are ignored.
Single trigger operation is useful if a pulse is required immedi-
ately in the next field without the occurrence of an exposure or
readout operation. Also, single trigger operation is useful when
the exposure or readout operation is manually generated without
using the TRIGGER register, and the SUBCK and VSG masking
are manually controlled.
Note that single trigger operation cannot occur if an exposure
operation has been triggered. SHUT signals behave in automatic
trigger mode if they, and an exposure operation, have been
triggered.
Manual Control
Any SHUT signal can be controlled in manual control mode,
instead of using the TRIGGER register to activate it. In this
mode, the individual on and off lines and pixel positions are
used separately, depending on the status of the manual signal
control register. Note that only a single toggle position, either
off or on, can be used in a VD interval.
As with single trigger operation, when manual control is
enabled, the SHUT_ON_FD/SHUT_OFF_FD register values
are ignored.
Because there is a separate bit to enable manual control on
SHUT signals, this operation can be used regardless of the
status of a triggered exposure operation.
Note that manual control can be used in conjunction with
automatic or single trigger operations. If a SHUT signal is turned
on using manual control, and then manual control is disabled,
the SHUT signal remains on. If a subsequent trigger operation
occurs, the on position toggle is ignored, because the signal is
already on. In this case, only the off position can be triggered.
VD
SUBCK
VSUB OPERATION:
1ACTIVE POLARITY IS DEFINED BY VSUBPOL (ABOVE EXAMPLE IS VSUB ACTIVE HIGH).
2ON POSITION IS PROGRAMMABLE, MODE 0 TURNS ON AT THE START OF EXPOSURE, MODE 1 TURNS ON AT THE START OF READOUT.
3OFF POSITION OCCURS AT END OF READOUT.
4OPTIONAL VSUB KEEP-ON MODE LEAVES THE VSUB ACTIVE AT THE END OF THE READOUT.
VSG1
VSUB
3
1
2
2
4
MODE 0
MODE 1
TRIGGER
VSUB
tEXP
READOUT
Figure 67. VSUB0, VSUB1 Signal Programmability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com