Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9923ABBCZ Datasheet(PDF) 57 Page - Analog Devices

Part # AD9923ABBCZ
Description  CCD Signal Processor with V-Driver and Precision Timing??Generator
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9923ABBCZ Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9923ABBCZ Datasheet HTML 53Page - Analog Devices AD9923ABBCZ Datasheet HTML 54Page - Analog Devices AD9923ABBCZ Datasheet HTML 55Page - Analog Devices AD9923ABBCZ Datasheet HTML 56Page - Analog Devices AD9923ABBCZ Datasheet HTML 57Page - Analog Devices AD9923ABBCZ Datasheet HTML 58Page - Analog Devices AD9923ABBCZ Datasheet HTML 59Page - Analog Devices AD9923ABBCZ Datasheet HTML 60Page - Analog Devices AD9923ABBCZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
AD9923A
Rev. 0 | Page 57 of 88
Optical Black Clamp
The optical black clamp loop removes residual offsets in the
signal chain and tracks low frequency variations in the CCD
black level. During the optical black (shielded) pixel interval on
each line, the ADC output is compared with a fixed black level
reference, selected by the user in the CLAMPLEVEL register.
The value can be programmed between 0 LSB and 255 LSB in
1023 steps. The resulting error signal is filtered to reduce noise
and the correction value is applied to the ADC input through a
DAC. Normally, the optical black clamp loop is turned on once
per horizontal line, but this loop can be updated more slowly to
suit a particular application. If external digital clamping is used
during postprocessing, the AD9923A optical black clamping
can be disabled using the CLPENABLE register (Address 0x00,
Bit D2). Even though the loop is disabled, the CLAMPLEVEL
register can still be used to provide programmable offset
adjustment.
The CLPOB pulse should be placed during the CCD optical
black pixels. It is recommended that the CLPOB pulse duration
is at least 20 pixels wide to minimize clamping noise. Shorter
pulse widths can be used, but clamping noise might increase,
reducing the ability to track low frequency variations in the
black level. See the Horizontal Clamping and Blanking section
for timing examples.
Digital Data Outputs
The digital output data is latched using the DOUTPHASE
register value, as shown in Figure 73. Output data timing is shown
in Figure 21 and Figure 22. It is also possible to leave the output
latches transparent, so that the data outputs from the ADC are
immediately valid. Programming the DOUTLATCH register,
Bit D1 to 1 sets the output latches transparent. The data outputs
can also be disabled (three-stated) by setting the DOUTDISABLE
Register 0x01, Bit D0 to 1.
The DCLK output can be used for external latching of the data
outputs. By default, the DCLK output tracks the value of the
DOUTPHASE register. By changing the DCLKMODE register,
the DCLK output can be held at a fixed phase, and the
DOUTPHASE register value is ignored.
To optimize the delay between the DCLK rising edge and the
data output transition, the DOUTDELAY register is used. By
default, there is approximately 8 ns of delay from the rising edge
of DCLK to the transition of the data outputs. See the High
Speed Timing Generation section for more information.
Switching the data outputs can couple noise into the analog
signal path. To minimize switching noise, set the DOUTPHASE
register to the same edge as the SHP sampling location, or up to
11 edges after the SHP sampling location. Other settings can
produce good results, but require experimentation. It is
recommended that the DOUTPHASE location not occur
between the SHD sampling location and 11 edges after the SHD
location. For example, if SHDLOC = 0, set DOUTPHASE to an
edge location of 12 or greater. If adjustable phase is not required
for the data outputs, the output latch can be left transparent
using Register 0x01, Bit D1.
Data output coding is normally straight binary, but can be
changed to gray coding by setting the GRAYEN Register 0x01,
Bit D2 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com