Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALFB Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALFB Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALFB Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
24
Freescale Semiconductor
DDR SDRAM
6.2.2.2 Load Effects on Address/Command Bus
Table 17 provides approximate delay information that can be expected for the address and command signals of the
DDR controller for various loadings. These numbers are the result of simulations for one topology. The delay
numbers will strongly depend on the topology used. These delay numbers show the total delay for the address and
command to arrive at the DRAM devices. The actual delay could be different than the delays seen in simulation,
depending on the system topology. If a heavily loaded system is used, the DLL loop may need to be adjusted to meet
setup requirements at the DRAM.
Table 17. Expected Delays for Address/Command
Load
Delay
Unit
4 devices (12 pF)
3.0
ns
9 devices (27 pF)
3.6
ns
36 devices (108 pF) + 40 pF compensation capacitor
5.0
ns
36 devices (108 pF) + 80 pF compensation capacitor
5.2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com