Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALFB Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALFB Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALFB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
69
RapidIO
The compliance of receiver input signals RD[0:15] and RFRAME with their minimum data valid window (DV)
specification shall be determined by generating an eye pattern for each of the data signals and comparing the eye
pattern of each data signal with the RapidIO receive mask shown in Figure 46. The value of X2 used to construct
the mask shall be (1 – DVmin)/2. The ±100 mV minimum data valid and ±600 mV maximum input voltage values
are from the DC specification. A signal is compliant with the data valid window specification if and only if the
receive mask can be positioned on the signal’s eye pattern such that the eye pattern falls entirely within the unshaded
portion of the mask.
Figure 46. RapidIO Receive Mask
The eye pattern for a data signal is generated by making a large number of recordings of the signal and then
overlaying the recordings. The number of recordings used to generate the eye shall be large enough that further
increasing the number of recordings used does not cause the resulting eye pattern to change from one that complies
with the RapidIO receive mask to one that does not. Each data signal in the interface shall be carrying random or
pseudo-random data when the recordings are made. If pseudo-random data is used, the length of the pseudo-random
sequence (repeat length) shall be long enough that increasing the length of the sequence does not cause the resulting
Table 52. RapidIO Receiver AC Timing Specifications—1 Gbps Data Rate
Characteristic
Symbol
Range
Unit
Notes
Min
Max
Duty cycle of the clock input
DC
47
53
%
1, 5
Data valid
DV
425
—
ps
2
Allowable static skew between any two data
inputs within a 8-/9-bit group
tDPAIR
—
300
ps
3
Allowable static skew of data inputs to associated
clock
tSKEW,PAIR
–200
200
ps
4
Notes:
1.Measured at VID = 0 V.
2.Measured using the RapidIO receive mask shown in Figure 46.
3.See Figure 49.
4.See Figure 48 and Figure 49.
5.Guaranteed by design.
X2
600
0
100
–100
–600
1–X2
DV
Time (UI)
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com