Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALFB Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALFB Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALFB Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
96
Freescale Semiconductor
System Design Information
17 System Design Information
This section provides electrical and thermal design recommendations for successful application of the MPC8560.
17.1 System Clocking
The MPC8560 includes three PLLs.
1. The platform PLL generates the platform clock from the externally supplied SYSCLK input. The frequency
ratio between the platform and SYSCLK is selected using the platform PLL ratio configuration bits as
described in Section 15.2, “Platform/System PLL Ratio.”
2. The e500 Core PLL generates the core clock as a slave to the platform clock. The frequency ratio between
the e500 core clock and the platform clock is selected using the e500 PLL ratio configuration bits as
described in Section 15.3, “e500 Core PLL Ratio.”
3. The CPM PLL is slaved to the platform clock and is used to generate clocks used internally by the CPM
block. The ratio between the CPM PLL and the platform clock is fixed and not under user control.
17.2 PLL Power Supply Filtering
Each of the PLLs listed above is provided with power through independent power supply pins (AVDD1, AVDD2, and
AVDD3, respectively). The AVDD level should always be equivalent to VDD, and preferably these voltages will be
derived directly from VDD through a low frequency filter scheme such as the following.
There are a number of ways to reliably provide power to the PLLs, but the recommended solution is to provide three
independent filter circuits as illustrated in Figure 58, one to each of the three AVDD pins. By providing independent
filters to each PLL the opportunity to cause noise injection from one PLL to the other is reduced.
This circuit is intended to filter noise in the PLLs resonant frequency range from a 500 kHz to 10 MHz range. It
should be built with surface mount capacitors with minimum Effective Series Inductance (ESL). Consistent with the
recommendations of Dr. Howard Johnson in High Speed Digital Design: A Handbook of Black Magic (Prentice Hall,
1993), multiple small capacitors of equal value are recommended over a single large value capacitor.
Each circuit should be placed as close as possible to the specific AVDD pin being supplied to minimize noise coupled
from nearby circuits. It should be possible to route directly from the capacitors to the AVDD pin, which is on the
periphery of the 783 FC-PBGA footprint, without the inductance of vias.
Figure 58 shows the PLL power supply filter circuit.
Figure 58. PLL Power Supply Filter Circuit
17.3 Decoupling Recommendations
Due to large address and data buses, and high operating frequencies, the MPC8560 can generate transient power
surges and high frequency noise in its power supply, especially while driving large capacitive loads. This noise must
be prevented from reaching other components in the MPC8560 system, and the MPC8560 itself requires a clean,
VDD
AVDD (or L2AVDD)
2.2 µF
2.2 µF
GND
Low ESL Surface Mount Capacitors
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com