Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALFB Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALFB Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALFB Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 84Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
80
Freescale Semiconductor
MDVAL
F4
O
OVDD
6
Clock
SYSCLK
AH21
I
OVDD
RTC
AB23
I
OVDD
CLK_OUT
AF22
O
OVDD
11
JTAG
TCK
AF21
I
OVDD
TDI
AG21
I
OVDD
12
TDO
AF19
O
OVDD
11
TMS
AF23
I
OVDD
12
TRST
AG23
I
OVDD
12
DFT
LSSD_MODE
AG19
I
OVDD
21
L1_TSTCLK
AB22
I
OVDD
21
L2_TSTCLK
AG22
I
OVDD
21
TEST_SEL
AH20
I
OVDD
3
Thermal Management
THERM0
AG2
I
—
14
THERM1
AH3
I
—
14
Power Management
ASLEEP
AG18
I/O
9, 19
Power and Ground Signals
AVDD1
AH19
Power for e500
PLL (1.2 V)
AVDD1
AVDD2
AH18
Power for CCB
PLL (1.2 V)
AVDD2
AVDD3
AH17
Power for CPM
PLL (1.2 V)
AVDD3
Table 53. MPC8560 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com