Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALFB Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALFB Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALFB Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
100
Freescale Semiconductor
System Design Information
The COP header shown in Figure 60 adds many benefits—breakpoints, watchpoints, register and memory
examination/modification, and other standard debugger features are possible through this interface—and can be as
inexpensive as an unpopulated footprint for a header to be added when needed.
The COP interface has a standard header for connection to the target system, based on the 0.025" square-post, 0.100"
centered header assembly (often called a Berg header).
There is no standardized way to number the COP header shown in Figure 60; consequently, many different pin
numbers have been observed from emulator vendors. Some are numbered top-to-bottom then left-to-right, while
others use left-to-right then top-to-bottom, while still others number the pins counter clockwise from pin 1 (as with
an IC). Regardless of the numbering, the signal placement recommended in Figure 60 is common to all known
emulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com