Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALFB Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALFB Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALFB Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 105Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 106Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 107Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 108Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 104 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
104
Freescale Semiconductor
Document Revision History
3.0
Table 1—Corrected MII management voltage reference
Section 2.1.2—New
Table 2—Corrected MII management voltage reference
Table 5—Removed ‘minimum’ column
Table 5—Added AVDD power table
Table 8—New
Table 9—New
Table 9—New
Table 12—Added overshoot/undershoot note.
Figure 4—New
Table 15—Restated tMCKSKEW1 as tMCKSKEW, removed tMCKSKEW2; added speed-specifc minimum
values for 333, 266, and 200 MHz; updated tDDSHME values.
Updated chapter to reflect that GMII, MII and TBI can be run with 2.5V signalling.
Table 28—Added MDIO output valid timing
Table 30—Updated tLBIVKH1, tLBIXKH1, and tLBOTOT.
Table 31—New
Table 18, Table 20, Table 22—Updated clock reference
Table 33—Updated tTDIVKH
Table 34—Updated tTDKHOX
Added tables and figures for CPM I2C
Table 44—Updated tPCIVKH
Section 14.1— Changed minium height from 2.22 to 3.07 and maximum from 2.76 to 3.75
Table 53.—Updated MII management voltage reference and added note 20.
Section 16.2.4.1—Changed
θ
JC from 0.3 to 0.8; changed die-junction temperature from 67° to 71°
Section 17.7—Added paragraph that begins “TSEC1_TXD[3:0]...”
3.1
Updated Table 4 and Table 5.
Added Table 6.
Added MCK duty cycle to Table 15.
Updated fMDC, tMDC, tMDKHDV, and tMDKHDX parameters in Table 28.
Added LALE to tLBKHOV3 parameter in Table 30 and Table 31, and updated Figure 17 and Figure 18.
Corrected active level designations of some of the pins in Table 53.
Updated Table 62.
Table 61. Document Revision History
Rev. No.
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com