Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALFB Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALFB Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALFB Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
45
CPM
9CPM
This section describes the DC and AC electrical specifications for the CPM of the MPC8560.
9.1 CPM DC Electrical Characteristics
Table 32 provides the DC electrical characteristics for the MPC8560 CPM.
9.2 CPM AC Timing Specifications
Table 33 and Table 34 provide the CPM input and output AC timing specifications, respectively.
Table 32. CPM DC Electrical Characteristics
Characteristic
Symbol
Min
Max
Unit
Notes
Input high voltage
VIH
2.0
3.465
V
1
Input low voltage
VIL
GND
0.8
V
1, 2
Output high voltage
(IOH = –8.0 mA)
VOH
2.4
—
V
1
Output low voltage
( IOL = 8.0 mA)
VOL
—
0.5
V
1
Output high voltage
(IOH = –2.0 mA)
VOH
2.4
—
V
1
Output low voltage
(IOL = 3.2 mA)
VOL
—
0.4
V
1
Note:
1. This specification applies to the following pins: PA[0–31], PB[4–31], PC[0–31], and PD[4–31].
2. VIL(max) for the IIC interface is 0.8 V rather than the 1.5 V specified in the IIC standard
Table 33. CPM Input AC Timing Specifications 1
Characteristic
Symbol 2
Min 3
Unit
FCC inputs—internal clock (NMSI) input setup time
tFIIVKH
6
ns
FCC inputs—internal clock (NMSI) hold time
tFIIXKH
0
ns
FCC inputs—external clock (NMSI) input setup time
tFEIVKH
2.5
ns
FCC inputs—external clock (NMSI) hold time
tFEIXKHb
2
ns
SCC/SPI inputs—internal clock (NMSI) input setup time
tNIIVKH
6
ns
SCC/SPI inputs—internal clock (NMSI) input hold time
tNIIXKH
0
ns
SCC/SPI inputs—external clock (NMSI) input setup time
tNEIVKH
4
ns
SCC/SPI inputs—external clock (NMSI) input hold time
tNEIXKH
2
ns
TDM inputs/SI—input setup time
tTDIVKH
4
ns
TDM inputs/SI—hold time
tTDIXKH
3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com