Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALFB Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALFB Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALFB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
62
Freescale Semiconductor
RapidIO
Figure 41 shows the DC driver signal levels.
Figure 41. DC Driver Signal Levels
13.2 RapidIO AC Electrical Specifications
This section contains the AC electrical specifications for a RapidIO 8/16 LP-LVDS device. The interface defined is
a parallel differential low-power high-speed signal interface. Note that the source of the transmit clock on the
RapidIO interface is dependent on the settings of the LGPL[0:1] signals at reset. Note that the default setting makes
the core complex bus (CCB) clock the source of the transmit clock. See Chapter 4 of the Reference Manual for more
details on reset configuration settings.
13.3 RapidIO Concepts and Definitions
This section specifies signals using differential voltages. Figure 42 shows how the signals are defined. The figure
shows waveforms for either a transmitter output (TD and TD) or a receiver input (RD and RD). Each signal swings
between A volts and B volts where A > B. Using these waveforms, the definitions are as follows:
•
The transmitter output and receiver input signals TD, TD, RD, and RD each have a peak-to-peak swing of
A-B volts.
•
The differential output signal of the transmitter, VOD, is defined as VTD – VTD.
•
The differential input signal of the receiver, VID, is defined as VRD – VRD.
•
The differential output signal of the transmitter or input signal of the receiver, ranges from A – B volts to –
(A – B) volts.
•
The peak differential signal of the transmitter output or receiver input, is A – B volts.
•
The peak-to-peak differential signal of the transmitter output or receiver input, is 2
× (A – B) volts.
VOA
VOB
RTERM
100
Ω
(no m)
VVOD = VOA – VOB
∆VOS
VOHCM
VOLCM
VOSCM = (VOA + VOB)/2
–V +
∆VOD
V
VOD = VOA – VOB
–V –
∆VOD
–V
0
1.375 V
1.125 V
454 mV
247 mV
–247 mV
–454 mV
VOLD
Common-Mode Specifications
(c)
Differential Specifications
(b)
(a)
Note: VOA refers to voltage at output A; VOB refers to voltage at output B.
VOHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com