Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8560CPXALFB Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC8560CPXALFB
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560CPXALFB Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8560CPXALFB Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8560CPXALFB Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
50
Freescale Semiconductor
CPM
Table 36 and Table 37 are examples of I2C AC parameters at I2C clock value of 100 kHz and 400 kHz respectively.
Table 36. CPM I2C AC Timing (fSCL = 100 kHz)
Characteristic
Symbol
Min
Max
Unit
SCL clock frequency (slave)
fSCL
100
KHz
SCL clock frequency (master)
fSCL
-
100
KHz
Bus free time between transmissions
tSDHDL
4.7
-
µs
Low period of SCL
tSCLCH
4.7
-
µs
High period of SCL
tSCHCL
4
-
µs
Start condition setup time 2
tSCHDL
2
-
µs
Start condition hold time 2
tSDLCL
3
-
µs
Data hold time 2
tSCLDX
2
-
µs
Data setup time 2
tSDVCH
3
-
µs
SDA/SCL rise time
tSRISE
-
1
µs
SDA/SCL fall time
tSFALL
-
303
ns
Stop condition setup time
tSCHDH
2
-
µs
Table 37. CPM I2C AC Timing (fSCL = 400 kHz)
Characteristic
Symbol
Min
Max
Unit
SCL clock frequency (slave)
fSCL
400
KHz
SCL clock frequency (master)
fSCL
-
400
KHz
Bus free time between transmissions
tSDHDL
1.2
-
µs
Low period of SCL
tSCLCH
1.2
-
µs
High period of SCL
tSCHCL
1
-
µs
Start condition setup time 2
tSCHDL
420
-
ns
Start condition hold time 2
tSDLCL
630
-
ns
Data hold time 2
tSCLDX
420
-
ns
Data setup time 2
tSDVCH
630
-
ns
SDA/SCL rise time
tSRISE
-
250
ns
SDA/SCL fall time
tSFALL
-
75
ns
Stop condition setup time
tSCHDH
420
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com