Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD6P9 Datasheet HTML 1Page - Renesas Technology Corp UPD6P9 Datasheet HTML 2Page - Renesas Technology Corp UPD6P9 Datasheet HTML 3Page - Renesas Technology Corp UPD6P9 Datasheet HTML 4Page - Renesas Technology Corp UPD6P9 Datasheet HTML 5Page - Renesas Technology Corp UPD6P9 Datasheet HTML 6Page - Renesas Technology Corp UPD6P9 Datasheet HTML 7Page - Renesas Technology Corp UPD6P9 Datasheet HTML 8Page - Renesas Technology Corp UPD6P9 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
2002
DATA SHEET
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR INFRARED REMOTE CONTROL TRANSMISSION
DESCRIPTION
The
µPD6P9 is a microcontroller for infrared remote control transmitters and is provided with a one-time PROM
as the program memory.
Because users can write programs for the
µPD6P9, it is ideal for program evaluation and small-scale production
of application systems that use the
µPD67, 67A, 68, 68A, 69, or 69A.
The
µPD6P9 has two types: µPD6P9M1 and 6P9M3. The differences between two types are as follows.
µPD6P9M1
µPD6P9M3
Corresponding mask ROM version
µPD67, 67A, 68, 68A, 69, 69A
µPD69A
(normal instruction execution version)
(high-speed instruction execution version)
Instruction execution time
16
µs (fX = 4 MHz)
8
µs (fX = 4 MHz)
When reading this document, also refer to the following documents.
µPD67, 67A, 68, 68A, 69 Data Sheet: U14935E
µPD69A Data Sheet:
U16363E
FEATURES
• Program memory (one-time PROM):
4074
× 10 bits
• Data memory (RAM):
128
× 4 bits
• On-chip carrier generator for infrared remote control: The high-level and low-level width can be set separately
from 250 ns to 64
µs (@ fX = 4 MHz operation) via modulo
registers
• 9-bit programmable timer:
1 channel
• Instruction execution time:
16
µs (@ fX = 4 MHz) (µPD6P9M1)
8
µs (@ fX = 4 MHz) (µPD6P9M3)
• Stack level:
1 level (stack RAM is for data memory RF as well)
• I/O pins (KI/O):
8 units
• Input pins (KI):
4 units
• Sense input pins (S0, S2):
2 units
•S1/LED pin (I/O):
1 unit (when in output mode, this is the remote control
transmission display pin)
• Power supply voltage:
VDD = 2.2 to 3.6 V
• Operating ambient temperature:
TA = –40 to +85
°C
• Oscillator frequency:
fX = 3.5 to 4.5 MHz
• On-chip POC circuit and RAM retention detector
• Capacitor for oscillator: Not available
APPLICATIONS
Infrared remote control transmitters (for AV and household electric appliances)
MOS INTEGRATED CIRCUIT
µPD6P9
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
Document No. U15144EJ1V1DS00 (1st edition)
Date Published August 2005 N CP(K)
Printed in Japan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com