Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 28Page - Renesas Technology Corp UPD6P9 Datasheet HTML 29Page - Renesas Technology Corp UPD6P9 Datasheet HTML 30Page - Renesas Technology Corp UPD6P9 Datasheet HTML 31Page - Renesas Technology Corp UPD6P9 Datasheet HTML 32Page - Renesas Technology Corp UPD6P9 Datasheet HTML 33Page - Renesas Technology Corp UPD6P9 Datasheet HTML 34Page - Renesas Technology Corp UPD6P9 Datasheet HTML 35Page - Renesas Technology Corp UPD6P9 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
30
µPD6P9
Data Sheet U15144EJ1V1DS
AC programming characteristics (TA = 25
°C, VDD = 6.0 ±0.25 V, VPP = 12.5 ±0.3 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Address setup timeNote 1 (to MD0
↓)tAS
2
µs
MD1 setup time (to MD0
↓)tM1S
2
µs
Data setup time (to MD0
↓)tDS
2
µs
Address hold timeNote 1 (from MD0
↑)tAH
2
µs
Data hold time (from MD0
↑)tDH
2
µs
Delay time from MD0
↑ to data output float
tDF
0
130
ns
VPP setup time (to MD3
↑)tVPS
2
µs
VDD setup time (to MD3
↑)tVDS
2
µs
Initial program pulse width
tPW
0.95
1.0
1.05
ms
Additional program pulse width
tOPW
0.95
21.0
ms
MD0 setup time (to MD1
↑)tMOS
2
µs
Delay time from MD0
↓ to data output
tDV
MD0 = MD1 = VIL
1
µs
MD1 hold time (from MD0
↑)tM1H
tM1H+tM1R
≥ 50
µs2
µs
MD1 recovery time (to MD0
↓)tM1R
2
µs
Program counter reset time
tPCR
10
µs
CLK input high-/low-level width
tXH, tXL
0.125
µs
CLK input frequency
fX
4.19
MHz
Initial mode set time
tI
2
µs
MD3 setup time (to MD1
↑)tM3S
2
µs
MD3 hold time (from MD1
↓)tM3H
2
µs
MD3 setup time (to MD0
↓)tM3SR
When program memory is read
2
µs
Delay time from addressNote 1 to data output
tOAD
When program memory is read
2
µs
Hold time from addressNote 1 to data output
tHAD
When program memory is read
0
130
ns
MD3 hold time (from MD0
↑)tM3HR
When program memory is read
2
µs
Delay time from MD3
↓ to data output float
tDFR
When program memory is read
2
µs
Reset setup time
tRES
10
µs
Oscillation stabilization wait timeNote 2
tWAIT
2ms
Notes 1. The internal address signal is incremented at the falling edge of the third clock of CLK.
2. Connect a 4 MHz ceramic resonator between the XIN and XOUT pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com